Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1117CDCY Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1117CDCY
Description  ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1117CDCY Datasheet(HTML) 3 Page - Texas Instruments

  TLV1117CDCY Datasheet HTML 1Page - Texas Instruments TLV1117CDCY Datasheet HTML 2Page - Texas Instruments TLV1117CDCY Datasheet HTML 3Page - Texas Instruments TLV1117CDCY Datasheet HTML 4Page - Texas Instruments TLV1117CDCY Datasheet HTML 5Page - Texas Instruments TLV1117CDCY Datasheet HTML 6Page - Texas Instruments TLV1117CDCY Datasheet HTML 7Page - Texas Instruments TLV1117CDCY Datasheet HTML 8Page - Texas Instruments TLV1117CDCY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
TLV1117
www.ti.com
SLVS561K – DECEMBER 2004 – REVISED APRIL 2013
TLV1117I ORDERING INFORMATION(1)
TA
VO TYP
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – DRJ
Reel of 1000
TLV1117-15IDRJR
ZYJ
Tube of 80
TLV1117-15IDCY
1.5 V
SOT-223 – DCY
T3
Reel of 2500
TLV1117-15IDCYR
TO-252 – KVU
Reel of 2500
TLV1117-15IKVUR
ZF15
QFN – DRJ
Reel of 1000
TLV1117-18IDRJR
ZYL
Tube of 80
TLV1117-18IDCY
1.8 V
SOT-223 – DCY
T5
Reel of 2500
TLV1117-18IDCYR
TO-252 – KVU
Reel of 2500
TLV1117-18IKVUR
ZF18
QFN – DRJ
Reel of 1000
TLV1117-25IDRJR
ZYN
Tube of 80
TLV1117-25IDCY
2.5 V
SOT-223 – DCY
T8
Reel of 2500
TLV1117-25IDCYR
TO-252 – KVU
Reel of 2500
TLV1117-25IKVUR
ZF25
QFN – DRJ
Reel of 1000
TLV1117-33IDRJR
ZYR
–40°C to 125°C
Tube of 80
TLV1117-33IDCY
3.3 V
SOT-223 – DCY
VS
Reel of 2500
TLV1117-33IDCYR
TO-252 – KVU
Reel of 2500
TLV1117-33IKVUR
ZF33
QFN – DRJ
Reel of 1000
TLV1117-50IDRJR
ZF50
Tube of 80
TLV1117-50IDCY
5 V
SOT-223 – DCY
VU
Reel of 2500
TLV1117-50IDCYR
TO-252 – KVU
Reel of 2500
TLV1117-50IKVUR
ZF50
QFN – DRJ
Reel of 1000
TLV1117IDRJR
ZYT
Tube of 80
TLV1117IDCY
SOT-223 – DCY
V2
Reel of 2500
TLV1117IDCYR
ADJ
TO-220 – KCS
Tube of 50
TLV1117IKCS
TLV1117I
TO-252 – KVU
Reel of 2500
TLV1117IKVUR
TY1117
TO-263 – KTT
Reel of 500
TLV1117IKTTR
TLV1117I
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLV1117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com