Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

321.SA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 321.SA
Description  General Purpose Tweezers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

321.SA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  321.SA Datasheet HTML 1Page - List of Unclassifed Manufacturers 321.SA Datasheet HTML 2Page - List of Unclassifed Manufacturers 321.SA Datasheet HTML 3Page - List of Unclassifed Manufacturers 321.SA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Boley Tweezers -
17
649.SA
649.S
647.SA
647.S
4 3/4'' 120mm
strong blunt precision tips serrated tips and grips
6'' 150mm
strong, fine, alignment pin serrated tips and grips
6'' 150mm
strong, fine, bent, alignment pin serrated tips and grips
5 3/4'' 145mm; 0.14'' 3.6mm
nickel plated tweezers to hold pearls and ball bearings
648.SA
648.S
PB.NP
GG.SA
GG.NP
NN.SA
NN.NP
AA.SA
AA.S
AA.NP
AA.TA
MM.SA
MM.NP
5'' 130mm
general purpose straight fine tips
5'' 130mm very slim tips, max visibility
5'' 130mm
general purpose strong fine tips
4 1/2'' 115mm
as MM, short
456.SA
5'' 130mm
fine serrated tips
5 1/2'' 140mm
strong blunt precision serrated tips and serrated grips
475.SA
Ergonomic, general purpose tweezers available in different materials for specific applications.
Boley Tweezers
3•GenPurpose_SMD
16.9.2005
14:50
Page 17



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com