Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCM406 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XCM406
Description  700mA High Speed Dual LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM406 Datasheet(HTML) 2 Page - Torex Semiconductor

  XCM406_12 Datasheet HTML 1Page - Torex Semiconductor XCM406_12 Datasheet HTML 2Page - Torex Semiconductor XCM406_12 Datasheet HTML 3Page - Torex Semiconductor XCM406_12 Datasheet HTML 4Page - Torex Semiconductor XCM406_12 Datasheet HTML 5Page - Torex Semiconductor XCM406_12 Datasheet HTML 6Page - Torex Semiconductor XCM406_12 Datasheet HTML 7Page - Torex Semiconductor XCM406_12 Datasheet HTML 8Page - Torex Semiconductor XCM406_12 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2/20
XCM406 Series
●
Ordering Information
XCM406A①②③④⑤-⑥
(*1)
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
A
Without Pull-down resister
①
TYPE
B
With Pull-down resister
01
VOUT1=1.3V、VOUT2=1.5V
02
VOUT1=1.8V、VOUT2=3.3V
03
VOUT1=2.5V、VOUT2=3.3V
②③
Output Voltages
(*2)
04
VOUT1=3.3V、VOUT2=1.5V
DR
USP-12B01 (3,000/Reel)
④⑤
-⑥
(*1)
Package
(Oder Unit)
DR-G
USP-12B01 (3,000/Reel)
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2)The XCM406 series are semi-custom products. VOUT1 and VOUT2 voltage setting range is 0.8V to 5.0V in 0.05V increments.
For other combinations, output voltages and etc., please ask your sales contacts.
PIN NUMBER
XCM406A
FUNCTION
1
VIN1
Power Input1
2
NC
No Connection
3
VSS1
Ground1
4
VIN2
Power Input2
5
NC
No Connection
6
VSS2
Ground2
7
VOUT2
Output2
8
NC
No Connection
9
EN2
ON/OFF Control2
10
VOUT1
Output1
11
NC
No Connection
12
EN1
ON/OFF Control1
PIN
NAME
DESIGNATOR
CONDITIONS
H
1.3V≦VEN≦6.0V
EN1/EN2
L
VEN≦0.25V
EN1/EN2 LEVEL
IC OPERATION
HIGH
ON
LOW
OFF
OPEN
Undefined state
EN1/EN2 LEVEL
IC OPERATION
HIGH
ON
LOW
OPEN
OFF
■
PIN CONFIGURATION
■
PRODUCT CLASSIFICATION
■
PIN ASSIGNMENT
(BOTTOM VIEW)
* A dissipation pad on the reverse side of the package is electrically isolated.
*1: Electrical potential of the XC6210 series’ dissipation pad should the VSS level.
*2: Electrical potential of the XC6210 series’ dissipation pad should be the VSS level.
Care must be taken for an electrical potential of each dissipation pad so as to enhance mounting strength and heat release when the pad
needs to be connected to the circuit.
VOUT1
VOUT2
■
PIN LOGIC CONDIFION
■
PIN FUNCTION ASSIGNMENT
XCM410AA Type (EN High Active、Without EN Pull-down)
XCM410AB Type (EN High Active、With EN Pull-down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com