Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9961-EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9961-EBZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9961-EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9961-EBZ Datasheet HTML 9Page - Analog Devices AD9961-EBZ Datasheet HTML 10Page - Analog Devices AD9961-EBZ Datasheet HTML 11Page - Analog Devices AD9961-EBZ Datasheet HTML 12Page - Analog Devices AD9961-EBZ Datasheet HTML 13Page - Analog Devices AD9961-EBZ Datasheet HTML 14Page - Analog Devices AD9961-EBZ Datasheet HTML 15Page - Analog Devices AD9961-EBZ Datasheet HTML 16Page - Analog Devices AD9961-EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 13 of 60
TYPICAL PERFORMANCE CHARACTERISTICS
60
65
70
75
80
85
90
95
0
10
20
30
40
50
60
fOUT (MHz)
IFS = 1mA
IFS = 2mA
Figure 4. Second Harmonic Distortion vs. fOUT Over Full-Scale Current,
fDAC= 125 MHz, 1×, Digital Scale = 0 dBFS, TXVDD = 1.8 V
50
55
60
65
70
75
80
85
90
0
10
20
30
40
50
60
fOUT (MHz)
IFS = 2mA
IFS = 1mA
Figure 5. Third Harmonic Distortion vs. fOUT Over Full-Scale Current,
fDAC= 125 MHz, 1×, Digital Scale = 0 dBFS, TXVDD = 1.8 V
50
55
60
65
70
75
80
85
90
95
100
0
10
20
30
40
50
60
fOUT (MHz)
IFS = 1mA
IFS = 4mA
IFS = 2mA
Figure 6. Second Harmonic Distortion vs. fOUT Over Full-Scale Current,
fDAC= 125 MHz, 1×, Digital Scale = 0 dBFS, TXVDD = 3.3 V
50
55
60
65
70
75
80
85
90
95
100
0
10
20
30
40
50
60
fOUT (MHz)
IFS = 1mA
IFS = 4mA
IFS = 2mA
Figure 7. Third Harmonic Distortion vs. fOUT Over Full-Scale Current,
fDAC = 125 MHz, 1×, Digital Scale = 0 dBFS, TXVDD = 3.3 V
65
70
75
80
85
90
95
0
10
20
30
40
50
60
fOUT (MHz)
–6dBFS
0dBFS
–3dBFS
Figure 8. Second Harmonic Distortion vs. fOUT Over Digital Scale,
fDAC = 125 MHz, 1×, Full-Scale Current = 2 mA, TXVDD = 1.8 V
50
55
60
65
70
75
80
85
90
0
10
20
30
40
50
60
fOUT (MHz)
0dBFS
–6dBFS
–3dBFS
Figure 9. Third Harmonic Distortion vs. fOUT Over Digital Scale,
fDAC = 125 MHz, 1×, Full-Scale Current = 2 mA, TXVDD = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com