Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG401 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RG401
Description  Coax Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RG401 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RG401 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Coax Cable
21/11/11 V1.1
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2011.
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Construction
Item
Material
Diameter (Inch / mm)
Inner conductor
Silver plated copper
0.0641 ±0.001
1.63 ±0.03
Dielectric
PTFE
0.209 ±0.002
5.3 ±0.05
Outer conductor
Copper tube / tin-plated copper tube
0.250 ±0.001
6.35 ±0.03
Electrical Characteristics
Capacitance (pF/m)
: 95.1
Impedance (
Ω)
: 50 ±0.5
Velocity of propagation (%)
: 69.5
Inner conductor DCR (Ohm / km)
: 8.4
Maximum operating frequency (GHz)
: 18
Maximum operating voltage (RMS)
: 3,000
Minimum inside bend radius (mm)
: 22.2
Minimum corona extinction voltage (Vrms)
: 3,000
Minimum voltage withstand (Vrms)
: 7,500
Operating temperature range (°C)
: -55 to +125
Attenuation and Average Power
Frequency
(GHz)
Attenuation
Average Power
(Watts CW)
(dB/ft)
(dB/meter)
0.5
0.05
0.16
1,332.1
1
0.07
0.23
914.6
5
0.17
0.56
364.4
10
0.27
0.89
238.2
18
0.48
1.57
200
Description
Part Number
Cable, Coax, Semi Rigid, RG401, 1M
RG401
Part Number Table


Similar Part No. - RG401

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
RG401 ROSENBERGER-RG401 Datasheet
237Kb / 2P
7/16 Straight Plug
logo
Multicomp Pro
RG401 MULTICOMP-RG401 Datasheet
156Kb / 1P
Coax Cable
06/07/21 V1.0
logo
Pasternack Enterprises,...
RG401-U PASTERNACK-RG401-U Datasheet
298Kb / 3P
RG401 Coax Cable with Copper
More results

Similar Description - RG401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RG178 ETC1-RG178 Datasheet
34Kb / 1P
Cable, Coax, RG178,100 M
URM67 ETC2-URM67 Datasheet
144Kb / 1P
Coax Cable
1674ATIN100 ETC2-1674ATIN100 Datasheet
105Kb / 4P
Coax - 50 Ohm Microwave Cable
logo
Tripp Lite. All Rights ...
P500-010 TRIPPLITE-P500-010 Datasheet
480Kb / 4P
VGA Coax Monitor Extension Cable, High Resolution cable with RGB coax (HD15 M/F)
P502001 TRIPPLITE-P502001 Datasheet
485Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 1-ft
P502025 TRIPPLITE-P502025 Datasheet
490Kb / 2P
VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 25-ft
logo
Pulse A Technitrol Comp...
W9003 PULSE-W9003 Datasheet
987Kb / 12P
LOW LOSS MINI COAX JUMPER CABLE
logo
Pasternack Enterprises,...
RG401-U PASTERNACK-RG401-U Datasheet
298Kb / 3P
RG401 Coax Cable with Copper
logo
Pulse A Technitrol Comp...
W90XX PULSE-W90XX Datasheet
703Kb / 12P
Low loss Mini Coax Jumper Cable
logo
SparkFun Electronics
CAB-00508 SPARKFUN-CAB-00508 Datasheet
103Kb / 1P
Banana to Alligator Coax Cable
9??1??7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com