Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE031 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AFE031
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE031 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 17Page - Texas Instruments AFE031 Datasheet HTML 18Page - Texas Instruments AFE031 Datasheet HTML 19Page - Texas Instruments AFE031 Datasheet HTML 20Page - Texas Instruments AFE031 Datasheet HTML 21Page - Texas Instruments AFE031 Datasheet HTML 22Page - Texas Instruments AFE031 Datasheet HTML 23Page - Texas Instruments AFE031 Datasheet HTML 24Page - Texas Instruments AFE031 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
R
SET
+
100 nF
47 F
m
PA Supply
C
IN
PA_VS1
PA_VS2
T_SENSE
PA_OUT1
PA_OUT2
PA_ISET
PA_GND1
PA_GND1
PA_IN
Power
Amplifier
Inside the AFE031
PA_VS1
PA_VS2
T_SENSE
PA_OUT1
PA_OUT2
PA_ISET
PA_GND1
PA_GND1
PA_IN
Power
Amplifier
Inside the AFE031
AFE031
www.ti.com
SBOS531D – AUGUST 2010 – REVISED MAY 2012
BLOCK DESCRIPTIONS
PA Block
The Power Amplifier (PA) block consists of a high slew rate, high-voltage, and high-current operational amplifier.
The PA is configured with an inverting gain of 6.5 V/V, has a low-pass filter response, and maintains excellent
linearity and low distortion. The PA is specified to operate from 7 V to 24 V and can deliver up to ±1.5 A of
continuous output current over the specified junction temperature range of –40°C to +125°C. Figure 25 illustrates
the PA block.
Figure 25. PA Block Equivalent Circuit
Connecting the PA in a typical PLC application requires only two additional components: an ac coupling
capacitor, CIN, and the current limit programming resistor, RSET. Figure 26 shows the typical connections to the
PA block.
Figure 26. Typical Connections to the PA
Copyright © 2010–2012, Texas Instruments Incorporated
21
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com