Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD16NF06 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD16NF06
Description  N-Channel 60V - 0.060廓 - 16A - DPAK STripFET??II Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD16NF06 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD16NF06 Datasheet HTML 3Page - STMicroelectronics STD16NF06 Datasheet HTML 4Page - STMicroelectronics STD16NF06 Datasheet HTML 5Page - STMicroelectronics STD16NF06 Datasheet HTML 6Page - STMicroelectronics STD16NF06 Datasheet HTML 7Page - STMicroelectronics STD16NF06 Datasheet HTML 8Page - STMicroelectronics STD16NF06 Datasheet HTML 9Page - STMicroelectronics STD16NF06 Datasheet HTML 10Page - STMicroelectronics STD16NF06 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STD16NF06
3 Test circuits
7/11
3
Test circuits
Figure 13. Switching Times Test Circuit For
Resistive Load
Figure 14. Gate Charge Test Circuit
Figure 15. Test Circuit For Inductive Load
Switching and Diode Recovery
Times
Figure 16. Unclamped Inductive Waveform
Figure 17. Unclamped Inductive Load Test
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com