Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3892 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Processors
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 89 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 85Page - Texas Instruments AM3892 Datasheet HTML 86Page - Texas Instruments AM3892 Datasheet HTML 87Page - Texas Instruments AM3892 Datasheet HTML 88Page - Texas Instruments AM3892 Datasheet HTML 89Page - Texas Instruments AM3892 Datasheet HTML 90Page - Texas Instruments AM3892 Datasheet HTML 91Page - Texas Instruments AM3892 Datasheet HTML 92Page - Texas Instruments AM3892 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 308 page
background image
AM3894
AM3892
www.ti.com
SPRS681E – OCTOBER 2010 – REVISED JULY 2012
Table 3-26. Video Input 1 Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
PULL: IPD / IPD
VOUT[1]_Y_YC[9]/
VOUT[1]
AP6
I
DRIVE: Z / Z
VIN[1]A_D[7]
PINCTRL19
DVDD_3P3
PULL: IPD / IPD
VOUT[1]_Y_YC[8]/
VOUT[1]
AT6
I
DRIVE: Z / Z
VIN[1]A_D[6]
PINCTRL18
DVDD_3P3
PULL: IPD / IPD
VOUT[1]_Y_YC[7]/
VOUT[1]
AR6
I
DRIVE: Z / Z
VIN[1]A_D[5]
PINCTRL17
DVDD_3P3
PULL: IPD / IPD
VOUT[1]_Y_YC[6]/
VOUT[1]
Video Input 1 Port A Data inputs. For 16-bit
AC13
I
DRIVE: Z / Z
VIN[1]A_D[4]
PINCTRL16
capture, D[7:0] are Cb/Cr and [15:8] are Y Port A
DVDD_3P3
inputs. For 8-bit capture, D[7:0] are Port A YCbCr
PULL: IPD / DIS
data inputs and D[15:8] are Port B YCbCr data
VOUT[1]_Y_YC[5]/
VOUT[1]
AJ7
I
DRIVE: Z / Z
inputs. For VIN[1], only D[15:0] are available.
VIN[1]A_D[3]
PINCTRL50
DVDD_3P3
PULL: IPD / DIS
VOUT[1]_Y_YC[4]/
VOUT[1]
AU6
I
DRIVE: Z / Z
VIN[1]A_D[2]
PINCTRL49
DVDD_3P3
PULL: IPD / DIS
VOUT[1]_Y_YC[3]/
VOUT[1]
AP7
I
DRIVE: Z / Z
VIN[1]A_D[1]
PINCTRL48
DVDD_3P3
PULL: IPD / DIS
VOUT[1]_Y_YC[2]/
VOUT[1]
AU7
I
DRIVE: Z / Z
VIN[1]A_D[0]
PINCTRL47
DVDD_3P3
Video Input 1 Port B Horizontal Sync or Data Valid
VOUT[0]_B_CB_C[0]/
PULL: IPD / IPD
VOUT[0],
signal input. Discrete horizontal synchronization
VOUT[1]_C[9]/
AR9
I
DRIVE: Z / Z
VOUT[1]
signal for Port B 8-bit YCbCr capture without
VIN[1]B_HSYNC_DE
DVDD_3P3
PINCTRL27
embedded syncs ("BT.601" modes). Not used in
16-bit YCbCr capture mode.
Video Input 1 Port A Horizontal Sync input.
VIN[0]A_D[16]/
PULL: IPD / IPD
VIN[0]A,
Discrete horizontal synchronization signal for Port
VIN[1]A_HSYNC/
AT5
I
DRIVE: Z / Z
VOUT[1]
A YCbCr capture modes without embedded syncs
VOUT[1]_FLD
DVDD_3P3
PINCTRL22
("BT.601" modes).
VOUT[0]_G_Y_YC[0]/
VOUT[1]_VSYNC
Video Input 1 Port B Vertical Sync input. Discrete
PULL: IPD / IPD
VOUT[0],
(silicon revision 1.x)
vertical synchronization signal for Port B 8-bit
AP9
I
DRIVE: Z / Z
VOUT[1]
DAC_VOUT[1]_VSYNC
YCbCr capture without embedded syncs ("BT.601"
DVDD_3P3
PINCTRL29
(silicon revision 2.x)/
modes). Not used in 16-bit YCbCr capture mode.
VIN[1]B_VSYNC
VIN[0]A_D[17]/
VIN[1]A_VSYNC/
Video Input 1 Port A Vertical Sync input. Discrete
PULL: IPD / IPD
VIN[0]A,
VOUT[1]_VSYNC
vertical synchronization signal for Port A YCbCr
AL5
I
DRIVE: Z / Z
VOUT[1]
(silicon revision 1.x)
capture modes without embedded syncs ("BT.601"
DVDD_3P3
PINCTRL23
DAC_VOUT[1]_VSYNC
modes).
(silicon revision 2.x)
VIN[0]A_D[19]/
PULL: IPD / IPD
VIN[0]A,
Video Input 1 Port A Data Enable input. Discrete
VIN[1]A_DE/
AK4
I
DRIVE: Z / Z
VOUT[1]
data valid signal for Port A YCbCr capture modes
VOUT[1]_C[9]
DVDD_3P3
PINCTRL25
without embedded syncs ("BT.601" modes).
Video Input 1Port A Field ID input. Discrete field
VIN[0]A_D[18]/
PULL: IPD / IPD
VIN[0]A,
identification signal for Port A YCbCr capture
VIN[1]A_FLD/
AK5
I
DRIVE: Z / Z
VOUT[1]
modes without embedded syncs ("BT.601"
VOUT[1]_C[8]
DVDD_3P3
PINCTRL24
modes).
Video Input 1 Port B Field ID input. Discrete field
VOUT[0]_G_Y_YC[1]/
PULL: IPD / IPD
VOUT[0],
identification signal for Port B 8-bit YCbCr capture
VOUT[1]_FLD/
AU8
I
DRIVE: Z / Z
VOUT[1]
without embedded syncs ("BT.601" modes). Not
VIN[1]B_FLD
DVDD_3P3
PINCTRL30
used in 16-bit YCbCr capture mode.
Copyright © 2010–2012, Texas Instruments Incorporated
Device Pins
89
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com