Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG112 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LOG112
Description  Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG112 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LOG112 Datasheet HTML 6Page - Texas Instruments LOG112 Datasheet HTML 7Page - Texas Instruments LOG112 Datasheet HTML 8Page - Texas Instruments LOG112 Datasheet HTML 9Page - Texas Instruments LOG112 Datasheet HTML 10Page - Texas Instruments LOG112 Datasheet HTML 11Page - Texas Instruments LOG112 Datasheet HTML 12Page - Texas Instruments LOG112 Datasheet HTML 13Page - Texas Instruments LOG112 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LOG112, 2112
10
SBOS246D
www.ti.com
FIGURE 11. Single +5V Power-Supply Operation.
14
1
5
10
6
9
1
2
35
4
–5V
1
µF
LOG112
1
µF
I
1
I
2
V
LOGOUT
C
C
1
µF
TPS(1)
Single Supply +5V
NOTE: (1) TPS60402DBV
negative charge pump.
FIGURE 10. Absorbance Measurement.
I
2
I
1
14
1
9
10
5
V
LOGOUT
6
V+
V–
C
C
LOG112
D
2
D
1
Sample
λ
1
λ
1´
λ
1
Light
Source
DATA COMPRESSION
In many applications, the compressive effects of the logarith-
mic transfer function are useful. For example, a LOG112
preceding a 12-bit A/D converter can produce the dynamic
range equivalent to a 20-bit converter.
OPERATION ON SINGLE SUPPLY
Many applications do not have the dual supplies required to
operate the LOG112 and LOG2112. Figure 11 shows the
LOG112 and LOG2112 configured for operation with a single
+5V supply.
MEASURING AVALANCHE PHOTODIODE CURRENT
The wide dynamic range of the LOG112 and LOG2112 is
useful for measuring avalanche photodiode current (APD), as
shown in Figure 12.
FIGURE 12. High-Side Shunt for APD Measures 3 Decades of APD Current.
A
1
–5V
SO-14
911
13
LOG112
Q
1
2
Q
2
I
OUT
I
OUT = 0.1 • ISHUNT
10
3
4
10k
Ω
Receiver
Irx = 1
µA to 1mA
I-to-V
Converter
APD
10Gbits/sec
16.7k
Ω
C
C
A
2
A
3
V
03 = 2.5V to 0V
I
SHUNT
500
Ω
5k
Ω
5k
Ω
+15V to +60V
+5V
INA168
SOT23-5
+5V
1
1
14
8
6
5
7
100
µA
25k
Ω
V
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com