Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS42 Datasheet(PDF) 4 Page - Texas Instruments

Part # DM54LS42
Description  54LS42 DM54LS42 DM74LS42 BCD to Decimal Decoders
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM54LS42 Datasheet(HTML) 4 Page - Texas Instruments

  DM54LS42 Datasheet HTML 1Page - Texas Instruments DM54LS42 Datasheet HTML 2Page - Texas Instruments DM54LS42 Datasheet HTML 3Page - Texas Instruments DM54LS42 Datasheet HTML 4Page - Texas Instruments DM54LS42 Datasheet HTML 5Page - Texas Instruments DM54LS42 Datasheet HTML 6Page - Texas Instruments DM54LS42 Datasheet HTML 7Page - Texas Instruments DM54LS42 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 2kX
Symbol
Parameter
To (Output)
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
tPHL
Propagation Delay Time
A B C or D (2 Levels
25
30
ns
High to Low Level Output
of Logic) to Output
tPHL
Propagation Delay Time
A B C or D (3 Levels
30
35
ns
High to Low Level Output
of Logic) to Output
tPLH
Propagation Delay Time
A B C or D (2 Levels
25
30
ns
Low to High Level Output
of Logic) to Output
tPLH
Propagation Delay Time
A B C or D (3 Levels
30
35
ns
Low to High Level Output
of Logic) to Output
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com