Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z240D10 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # Z240D10
Description  SOLID-STATE RELAYS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Z240D10 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button Z240D10 Datasheet HTML 3Page - List of Unclassifed Manufacturers Z240D10 Datasheet HTML 4Page - List of Unclassifed Manufacturers Z240D10 Datasheet HTML 5Page - List of Unclassifed Manufacturers Z240D10 Datasheet HTML 6Page - List of Unclassifed Manufacturers Z240D10 Datasheet HTML 7Page - List of Unclassifed Manufacturers Z240D10 Datasheet HTML 8Page - List of Unclassifed Manufacturers Z240D10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Z240D10 Datasheet HTML 10Page - List of Unclassifed Manufacturers Z240D10 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Form 859-990514
SOLID-STATE RELAYS
DATA SHEET
page 7/12
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590 • Phone: (909)695-3000 • (800)321-OPTO • Fax: (909)695-3095 • Internet: www.opto22.com
Inside Sales:(800)452-OPTO •Product Support: (800)TEK-OPTO•(909)695-3080•Fax:(909)695-3017 •E-mail:support@opto22.com•FaxBack:(800)474-OPTO
Model
P240D4
Surge Current Data
Dimensional Drawings
AC Power - Printed Circuit Package (P & MP Series)
Specifications
Model
MP240D4
Model
Number
Nominal
AC Line
Voltage
Nominal
Current
Rating
Amps
1 cycle
Surge
(Amps)
Peak
Nominal
Signal Input
Resistance
(Ohms)
Signal
Pick-up
Voltage
Signal
Drop-out
Voltage
Peak
Repetitive
Voltage
Maximum
Maximum
Output
Voltage
Drop
Off-State
Leakage
mA
Maximum
Operating
Voltage
Range
(Volts AC)
I2t
Rating
t=8.3
(ms)
Isolation
Voltage
θθθθjc*
°C/Watt
Dissipation
Watts/Amp
MP120D2
or P120D2
120
2
20
1000
3VDC**
(32V
allowed)
1 VDC
600
1.6 volts
5 mA
12-140
2
4,000 VRM S
20
1.2
MP120D4
or P120D4
120
4
85
1000
3VDC**
(32V
allowed)
1 VDC
600
1.6 volts
5 mA
12-140
30
4,000 VRM S
6.5
1.2
MP240D2
or P240D2
240
2
20
1000
3VDC**
(32V
allowed)
1 VDC
600
1.6 volts
5 mA
24-280
2
4,000 VRM S
20
1.2
MP240D4
or P240D4
240
4
85
1000
3VDC**
(32V
allowed)
1 VDC
600
1.6 volts
5 mA
24-280
30
4,000 VRM S
6.5
1.2
MP380D4
380
4
85
1000
3VDC
∗∗
(32V
allowed)
1 VDC
800
1.6 volts
5 mA
24-420
30
4,000 VRM S
6.5
1.2
Notes:
θθθθjc* = Thermal resistance junction to base. Maximum junction temperature is 110°C.
** = MP Series 24 volts maximum.
Time
Second
Time*
(Cycles)
2-Amp
P or MP
Peak
Amps
4-Amp
P or MP
Peak
Amps
0.017
1
20
85
0.050
3
18
66
0.100
6
15
53
0.200
12
11
45
0.500
30
9
37
160
8.5
31
2120
8
28
3180
7.5
27
4240
7
26
5300
6.5
25
10
600
6
24
Note: *60 HZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com