Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECJ-RVC1H181K Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECJ-RVC1H181K
Description  Multilayer Ceramic Capacitors (4 Array Type)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ-RVC1H181K Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECJ-RVC1H181K Datasheet HTML 1Page - Panasonic Semiconductor ECJ-RVC1H181K Datasheet HTML 2Page - Panasonic Semiconductor ECJ-RVC1H181K Datasheet HTML 3Page - Panasonic Semiconductor ECJ-RVC1H181K Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(4 Array Type)
– EC31 –
0.1
1
10
100
1000
10000
Frequency (MHz)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
Measurement Circuit
Measuring sample : Mounting to the PC board.
50
50
50
■ Cross talk characteristics [Ex.]
Size: 0805, Temperature Characteristics: CH, 100 pF
Rated voltage
DC 50 V
DC 16 V
DC 6.3 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
BX7R
BX7R
X5R
470
±20 % (M)
ECJRVB1H471M 0.85
680
ECJRVB1H681M 0.85
1000
ECJRVB1H102M 0.85
1500
ECJRVB1H152M 0.85
2200
ECJRVB1H222M 0.85
3300
ECJRVB1H332M 0.85
4700
ECJRVB1H472M 0.85
6800
ECJRVB1H682M 0.85
10000
ECJRVB1H103M 0.85
100000
ECJRVB1C104M 0.85
1000000
ECJRVB0J105M 0.85
● Class 2
◆ Temperature Characteristic Code: B (Temperature Characteristics: B, X7R, X5R)
Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel
Avoid flow soldering.
Rated voltage
DC 50 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
CH
10 ±1 pF (F) ECJRVC1H100F 0.85
15
±10 % (K)
ECJRVC1H150K 0.85
22
ECJRVC1H220K 0.85
33
ECJRVC1H330K 0.85
47
ECJRVC1H470K 0.85
68
ECJRVC1H680K 0.85
100
ECJRVC1H101K 0.85
150
ECJRVC1H151K 0.85
220
ECJRVC1H221K 0.85
330
ECJRVC1H331K 0.85
470
ECJRVC1H471K 0.85
■ Standard Products for EIA “1206”, Taped Version
● Class 1
◆ Temperature Characteristic Code: C (Temperature Characteristics: CH)
Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel
Avoid flow soldering.
Rated voltage
DC 25 V
DC 10 V
Capaci-
tance
(µF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
FY5V
FY5V
0.1 +80, –20 %
(Z)
ECJRVF1E104Z 0.85
1.0
ECJRVF1A105Z 0.85
◆ Temperature Characteristic Code: F (Temperature Characteristics: F, Y5V)
Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel
Avoid flow soldering.
00 Sep. 2008



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com