Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1122 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # T1122
Description  T1/CEPT/ISDN-PRI TRANSFORMERS Dual Surface Mount, 1500Vrms, Extended and Standard Temperature Range
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T1122 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  T1122 Datasheet HTML 1Page - Pulse A Technitrol Company T1122 Datasheet HTML 2Page - Pulse A Technitrol Company T1122 Datasheet HTML 3Page - Pulse A Technitrol Company T1122 Datasheet HTML 4Page - Pulse A Technitrol Company T1122 Datasheet HTML 5Page - Pulse A Technitrol Company T1122 Datasheet HTML 6Page - Pulse A Technitrol Company T1122 Datasheet HTML 7Page - Pulse A Technitrol Company T1122 Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
T1/CEPT/ISDN-PRI TRANSFORMERS
Single Through Hole, 1500Vrms
Extended and standard temperature range
Dual and single through hole models available
Models matched to leading transceiver ICs
UL recognized
Isolation Voltage: 1500Vrms MIN
RoHS compliant versions available upon request
Electrical Specifications @ 25°C
Notes: Leads are 24 AWG solderable.
Unused pins not provided.
.250
MAX
6,35
.130
3,30
.200
5,08
.100
2,54
5
3
1
6
4
2
PE-6XXXX
Date Code
.350
MAX
8,89
.500
MAX
12,70
.400
10,16
2
1
65
4
1
65
3
1
5
26
3
1
5
26
3
4
1
5
26
4
13
2
24
5
Weight . . . . . . . . . 1.2 grams
Tube . . . . . . . . . . . . .60/tube
Mechanical
Schematics
Turns Ratio B
OCL @ 25°C
CW/W
LL
DCR Pri
DCR Sec
Package/
Primary
Part Number
(Pri:Sec ±5%)
(mH MIN)
(pF MAX)
(µH MAX)
(
Ω MAX)
(
Ω MAX)
Schematic
Pins
STANDARD TEMPERATURE RANGE SINGLE TRANSFORMERS – OPERATING TEMPERATURE 0°C TO +70°C
PE-64931
1:1:1 (1:2CS)
1.20
25
0.50
0.70
0.70 & 0.70
HC/2
1-2
PE-64933
1CT:3CT
1.20
30
0.50
0.70
1.60
HC/4
1-5
PE-64934
1:1
1.20
25
0.50
0.70
0.70
HC/1
1-2
PE-64936
1CT:1
1.20
25
0.80
0.70
0.70
HC/3
1-5
PE-64937
1:1.36
1.20
35
0.80
0.70
0.80
HC/1
5-6
PE-64940
1.26CS:1 (1:1:1.58)
0.30
30
0.60
0.80
0.60
HC/2
1-4
PE-64941 D
1CS:1
0.80
30
0.60
0.80
0.60
HC/2
1-4
PE-64942
1CS:1.31
0.80
30
0.40
0.80
0.60
HC/2
1-4
PE-64943 A
1CT:2CT
1.20
30
0.30-0.55
0.70
1.20
HC/4
1-5
PE-65351
1:2CT
1.20
40
0.50
0.70
1.30
HC/3
2-6
PE-65363
1:4CT
0.50
40
1.00
0.50
1.50
HC/5
1-5
PE-65379
1:1.14CT
1.20
35
0.80
0.70
0.80
HC/5
1-5
PE-65388
1:1.15CT
1.50
35
0.60
0.70
0.90
HC/3
2-6
PE-65389 E
1:1/1.26
1.50
40
0.40
0.70
0.90
HC/3
2-6
PE-65415
1CT:2CT
1.20
30
0.50
0.70
1.20
HC/4
1-5
PE-65558
1:2.3CT
1.20
35
0.80
0.70
1.40
HC/5
1-5
PE-65586
1:1.36CT
1.20
35
0.80
0.70
0.90
HC/5
1-5
PE-65755
1CT:1CT
1.20
25
0.80
0.80
0.80
HC/4
1-5
PE-68644
1CT:1
0.70
20
0.70
0.20
0.80
HC/3
1-5
PE-68645
1:1.36CT
0.70
20
0.70
0.50
0.40
HC/5
1-5
T1054
1:1.5CT
1.20
30
0.60
0.70
1.00
HC/3
2-6
T1249
1:1.26CT
1.20
60
0.80
0.90
1.00
HC/4
2-6
EXTENDED TEMPERATURE RANGE SINGLE TRANSFORMERS 1 – OPERATING TEMPERATURE -40°C TO +85°C
PE-65340
1:1.36
1.20
35
0.80
0.90
1.20
HC/1
5-6
PE-65770
1:1.15CT
1.50
40
0.80
0.90
1.00
HC/3
2-6
PE-65771
1CT:2CT
1.20
50
0.60
1.00
2.00
HC/4
2-6
PE-65778
1CT:1CT
1.20
40
1.00
1.00
1.00
HC/4
1-5
PE-68600
1CT:3CT
1.20
60
0.80
0.90
2.70
HC/4
1-5
PE-68664 E
1:1/1.26
1.50
50
0.80
0.90
1.10
HC/3
2-6
TX1252
1CT:1
1.20
40
1.00
1.00
1.00
HC/3
1-5
HC
Unless otherwise specified, all tolerances are ± .010
0,25
Dimensions: Inches
mm
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4643715
www.pulseeng.com
4
T608.S (4/08)
NOTE: RoHS-6 compliant parts can be ordered by adding an “NL” suffix to the part number (i.e. PE-64931 becomes PE-64931NL).
(See Pages 6 and 7 for Table Notes)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com