Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC934AF Datasheet(PDF) 2 Page - Linear Technology

Part # DC934AF
Description  LTC2607 16-Bit Dual Rail-to-Rail DAC with I2C Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC934AF Datasheet(HTML) 2 Page - Linear Technology

  DC934AF Datasheet HTML 1Page - Linear Technology DC934AF Datasheet HTML 2Page - Linear Technology DC934AF Datasheet HTML 3Page - Linear Technology DC934AF Datasheet HTML 4Page - Linear Technology DC934AF Datasheet HTML 5Page - Linear Technology DC934AF Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc934af
DEMO MANUAL DC934A
Quick start proceDure
Connect DC934A to a DC590 USB serial controller using
the supplied 14-conductor ribbon cable. Connect DC590
to a host PC with a standard USB A/B cable. Run the
evaluation software supplied with DC590 or download it
from www.linear.com/software. The correct control panel
will be loaded automatically. Click the COLLECT button to
begin outputting codes to the DAC and reading back the
resulting output voltage.
Complete software documentation is available from the
Help menu item, as features may be added periodically.
HarDware setup
JUMPERS
JP1: VREF Select. Select 5V, 4.096V, or 2.5V reference.
To apply an external reference through the VREF turret,
remove this jumper.
JP2: VCC Select. VCC is taken either from the onboard 5V
reference or the 5V regulated supply from the controller
board. Selecting the 5V reference for VCC and VREF allows
characterization of rail to rail operation of the LTC2607.
JP3: ADC Disable. Set to ON for operation with DC590 se-
rial controller. When using in customer’s end application,
the ADC can be completely disabled by setting jumper to
DISABLE.
For very sensitive noise measurements when using LTC
supplied software, set the output voltage and stop reading
voltage via the collect button on the control panel.
JP5: REFLO connection – either grounded or externally
supplied.RefertotheLTC2607datasheetforREFLOdetails.
Figure 2. Software Screenshot



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com