Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC2026AFA Datasheet(PDF) 2 Page - Linear Technology

Part # DC2026AFA
Description  Linduino One Isolated Arduino-Compatible Demonstration Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC2026AFA Datasheet(HTML) 2 Page - Linear Technology

  DC2026AFA Datasheet HTML 1Page - Linear Technology DC2026AFA Datasheet HTML 2Page - Linear Technology DC2026AFA Datasheet HTML 3Page - Linear Technology DC2026AFA Datasheet HTML 4Page - Linear Technology DC2026AFA Datasheet HTML 5Page - Linear Technology DC2026AFA Datasheet HTML 6Page - Linear Technology DC2026AFA Datasheet HTML 7Page - Linear Technology DC2026AFA Datasheet HTML 8Page - Linear Technology DC2026AFA Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
dc2026afa
DEMO MANUAL DC2026A
Quick start GuiDe
The Linduino One comes preloaded with a DC590 emula-
tor program (called a “sketch”) that allows attached demo
boards to run with the standard QuikEval GUI software.
This allows the functionality of the board to be verified
before starting firmware development. After evaluation
with QuikEval, the Linduino One can be reprogrammed
with customer code. There is a top-level demonstration
sketch for each part’s library that provides a text terminal
interfacetotheboard,demonstratingthelibraryfunctions.
The Linduino One is also available as DC2107, which
includes a DC934 as an easy to use example daughter
board.DC934isthedemonstrationboardfortheLTC®2607
dual 16-bit, I2C digital to analog converter (DAC). This
board also has an LTC2422 2-channel, 20-bit, SPI inter-
face analog to digital converter (ADC) that reads back the
DAC output. Thus, this board demonstrates operation of
both SPI and I2C interfaces, and multichannel ADCs and
DACs. The following sections describe the procedure for
installing the required software and operating the DC934
with both QuikEval software and with a terminal based
demo program.
While this manual describes operation with the DC934,
the procedure applies to other boards as well.
Software Installation
1) Download LTSketchbook.zip from http://www.linear.
com/designtools/linduino.php This is the entire code
base for the Linduino board, including all demo code,
libraries for individual devices, auxiliary functions, and
HTML documentation. Extract this file to a location for
working files, such as your “My Documents” directory
or “C:\Projects”.
2) Note: If QuikEval is already installed, please update to
the latest version by selecting Tools → Update Pro-
gram, then proceed to step 3. If not, download and run
QuikEval from www.linear.com/software. This installs
the QuikEval program, as well as the FTDI USB drivers
required for the Linduino One (and other Linear Tech-
nology interface boards.) Drivers are also distributed
with the Arduino IDE, but it is recommended to let
QuikEval install the drivers to ensure compatibility with
the Linduino One. You will be prompted to connect the
board to the PC during installation. Once the installation
is complete, quit QuikEval.
3) Download the Arduino Integrated Development Envi-
ronment (IDE) from either
http://arduino.cc/en/Main/Software or
http://www.linear.com/designtools/linduino.php
(Version 1.0.4 is used in this manual.) This is not an
installer; no installation is necessary. Extract the con-
tents of this file to a convenient location for programs,
suchas“C:\ProgramFiles”.The“Arduino.exe”fileisthe
actual program file; double-click to open the Arduino
IDE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com