Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H48SA53010PRFH Datasheet(PDF) 13 Page - Delta Electronics, Inc.

Part # H48SA53010PRFH
Description  Delphi Series H48SA53010, Half Brick Family DC/DC Power Modules: 48V in, 54V/10.2A out
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SA53010PRFH Datasheet(HTML) 13 Page - Delta Electronics, Inc.

Back Button H48SA53010PRFH Datasheet HTML 5Page - Delta Electronics, Inc. H48SA53010PRFH Datasheet HTML 6Page - Delta Electronics, Inc. H48SA53010PRFH Datasheet HTML 7Page - Delta Electronics, Inc. H48SA53010PRFH Datasheet HTML 8Page - Delta Electronics, Inc. H48SA53010PRFH Datasheet HTML 9Page - Delta Electronics, Inc. H48SA53010PRFH Datasheet HTML 10Page - Delta Electronics, Inc. H48SA53010PRFH Datasheet HTML 11Page - Delta Electronics, Inc. H48SA53010PRFH Datasheet HTML 12Page - Delta Electronics, Inc. H48SA53010PRFH Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
DS_H48SA53010_08042011
13
PART NUMBERING SYSTEM
MODEL LIST
Model Name
Input Voltage
Output Voltage
Output Current
Efficiency
48Vin @ Full load
H48SA53010NNFA
38V~60V
54V
10.2A
94.2%
H48SA53010NNFH
38V~60V
54V
10.2A
94.2%
CONTACT: www.delta.com.tw/dcdc
USA:
Telephone:
East Coast: (888) 335 8201
West Coast: (888) 335 8208
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Telephone: +41 31 998 53 11
Fax: +41 31 998 53 53
Email: DCDC@delta-es.tw
Asia & the rest of world:
Telephone: +886 3 4526107 ext. 6220
Fax: +886 3 4513485
Email: DCDC@delta.com.tw
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon
request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta
for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. No license
is granted by implication or otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these
specifications at any time, without notice.
H
48
S
A
530
10
N
N
F
A
Form
Factor
Input
Voltage
Number of
outputs
Output
Voltage
Mounting
Output
Current
ON/OFF
Logic
Pin Length
Option Code
H - Half-Brick 48-
38V~60V
S - Single
A - Advanced 530 - 54V
10 - 10.2A N - Negative
P - Positive
N - 0.145”
R - 0.170”
K - 0.110”
F-RoHS 6/6
(Lead Free)
A - Standard Functions
H - With Heatspreader



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com