Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17XSF500 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 17XSF500
Description  Penta 17 mOhm High Side Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17XSF500 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 17XSF500 Datasheet HTML 17Page - Freescale Semiconductor, Inc 17XSF500 Datasheet HTML 18Page - Freescale Semiconductor, Inc 17XSF500 Datasheet HTML 19Page - Freescale Semiconductor, Inc 17XSF500 Datasheet HTML 20Page - Freescale Semiconductor, Inc 17XSF500 Datasheet HTML 21Page - Freescale Semiconductor, Inc 17XSF500 Datasheet HTML 22Page - Freescale Semiconductor, Inc 17XSF500 Datasheet HTML 23Page - Freescale Semiconductor, Inc 17XSF500 Datasheet HTML 24Page - Freescale Semiconductor, Inc 17XSF500 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
MC17XSF500
6
Functional Block Requirements and Behaviors
6.1
Self-protected High Side Switches Description and Application
Information
6.1.1
Features
Up to five power outputs are foreseen to drive light as well as DC motor applications. The outputs are optimized for driving bulbs,
but also HID ballasts, LEDs, and other resistive or low inductive loads.
The smart switches are controlled by use of high sophisticated gate drivers. The gate drivers provide:
•
output pulse shaping
•
output protections
•
active clamps
•
output diagnostics
6.1.2
Output Pulse Shaping
The outputs are controlled with a closed loop active pulse shaping in order to provide the best compromise between:
•
low switching losses
•
low EMC emission performance
•
minimum propagation delay time
Depending on the programming of the prescaler setting register #12-1, #12-2 the switching speeds of the outputs are adjusted
to the output frequency range of each channel.
The edge shaping shall be designed according the following table:
The edge shaping provides full symmetry for rising and falling transition:
•
the slopes for the rising and falling edge are matched to provide best EMC emission performance
•
the shaping of the upper edges and the lower edges is matched to provide the best EMC emission performance
•
the propagation delay time for the rising edge and the falling edge are matched in order to provide true duty cycle
control of the output duty cycle error < 1 LSB at the max. frequency
•
a digital regulation loop is used to minimize the duty cycle error of the output signal
  divider
factor
min
max
min
max
min
max
min
max
4
25
100
10
40
03
FB
4252
2
50
200
5
20
07
F7
8248
1
100
400
2,5
10
07
F7
8248
PWM freq [Hz]
PWM period [m s]
d.c. range [hex]
d.c. range [LSB]
78
min. on/off duty
cycle time [µs]
156
156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com