Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGP-651 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TGP-651
Description  ThermoHarvesting Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-651 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TGP-651 Datasheet HTML 3Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 4Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 5Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 6Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 7Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 8Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 9Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 10Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Micropelt - preliminary - Datasheet TE-CORE v2.5 | Page 7
Thermoharvesting Module
Micropelt TE-CORE
Properties of TGPs
TGP-751
TGP-651
TEG inside
MPG-D751
MPG-D651
Electrical resistance Ri
240 - 350 Ω
150 - 230 Ω
Thermal resistance Rth
18 K/W
28 K/W
Thermovoltage S
110 mV/K
60 mV/K
Footprint (l x w x h)
15 x 10 x 9.3 mm
2
Introducing the TGP Package
Micropelt thermogenerators offer a unique power
density, but mechanically they are quite sensitive. We
have developed the TGP as a standard package which
accommodates a range of TEG configurations. The TGP
package protects the TEG, facilitates system integration
and assembly. Its robustness simplifies thermal cou-
pling and maximizes power output.
2.1 TGP Properties
Different heat sink types of Sk422
2.2 Output Power Performance in Application
The matched output power depends on the character-
istics of the thermal path from heat source to ambient
(cold side). The heatsink type, dimensions and position
are of influence.
The TGP measurements are made with TE-CORE7 using
different heat sinks from Fischer Elektronik, type Sk422
with a length of 33 mm, 50 mm and 90 mm.
Performance diagram of Sk422 heat sink
Dimensions Sk422 heat sink
Supplier www.fischerelektronik.de
For direct link to heatsink page use link below
http://tinyurl.com/cw9aun6
TE-CORE with heat sink Sk422-33
TE-CORE with transparent heat sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com