Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGP-651 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # TGP-651
Description  ThermoHarvesting Wireless Sensor System
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-651 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button TGP-651 Datasheet HTML 17Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 18Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 19Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 20Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 21Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 22Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 23Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 24Page - List of Unclassifed Manufacturers TGP-651 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Micropelt - preliminary - Datasheet TE-CORE /RF v1.4 | Page 21
Thermoharvesting Wireless Sensor System
Micropelt TE-CORE /RF
5.
TE-Power SCOPE 3.0 for Windows PC
5.1 PC software application
The TE-Power CORE /RF system was designed to facili-
tate a comprehensive understanding of thermoharvest-
ing as a technology; eventually a thermogenerator will
power your application. The TE-Power SCOPE uses the
signals received from the associated TE-Power CORE /
RF system to indicate and visualize all relevant evalua-
tion aspects on a convenient graphical interface.
You can easily determine in real-time:

Temperatures and TGP voltage in a histogram
with zoom capabilities

Momentary thermal and electrical status values,
including TGP open circuit voltage, thermoelec-
trical power

Simulated charge progress of a configurable
battery (or capacitor)

Simulated power budget of a duty-cycle-
configurable attached system, which can be
hooked up to the simulated storage unit.

Data-logger function; data stored in file.
TE-Power SCOPE 3.xx accepts and visualizes the data
received from up to 5 TE- CORE /RF units.
IMPORTANT !!!
TO AVOID SOFTWARE MALFUNCTION, IT IS
STRONGLY RECOMMENDED TO FOLLOW THE
SEQUENCE DESCRIBED BELOW!
While the TE-Power SCOPE is running, removal of the
USB-receiver should be avoided. If this happens, follow
this instructions :
Click the “Stop” button, re-insert the USB receiver and
wait 5 seconds until the COM-port is allocated. Then,
verify the “Settings” to make sure that the initially se-
lected COM-port is chosen again. Close the settings
window and click “Run”.
Histogram with
measured data
Extra
functions
ID of TE-CORE /RF
Real-time
measurements
Calculated power and
battery-equivalent
5.2 Installation
1.
Download the TE-Power SCOPE software from
the Micropelt website (zip file 1.1 MB):
http://www.micropelt.com/software/te_power_scope_core.zip
Unzip the TE_Power_SCOPE.EXE file to you PC
and execute.
2.
Connect the USB receiver to a free USB port.
Windows automatically installs the USB-driver
(if the driver does not install automatically please
read page 17). You will need administrator access
to your computer to successful driver installation.
3.
Select the COM-port in the “COM Settings” of
the TE-Power SCOPE. For details, refer to page
22 .
4.
Place the TE-CORE /RF on a target surface of at
least 40 °C [104 °F].
We recommend a vertical alignment (refer to
page 18).
5.
Press button “Run” on the TE-Power SCOPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com