Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG1002 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # SG1002
Description  Dual High-Side Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SG1002 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  SG1002 Datasheet HTML 1Page - Freescale Semiconductor, Inc SG1002 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information, please visit freescale.com/analog
Freescale and the Freescale logo are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off. SMARTMOS is
a trademark of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners.
© 2013 Freescale Semiconductor, Inc.
Document Number: MC07XSC200FS REV 1
Freescale: A Leader in
Analog Solutions
Expanding on more than 30 years of
innovation, Freescale is a leading provider
of high-performance products that use
SMARTMOS technology combining digital,
power and standard analog functions.
Freescale supplies analog and power
management ICs that are advancing
the automotive, consumer, industrial and
networking markets. Analog solutions
interface with real-world signals to control
and drive for complete embedded systems.
Product Features and Benefits
Features
Function
Benefits
High-side switches
Dual 7.0 mΩ max high-side switches at 25 °C
Offers the possiblity to drive up
to two different kinds of loads
separately
Operating voltage range
6.0 V to 20 V with sleep current < 5.0 μA, extended
mode from 4.0 to 28 V
Optimized consumption with its
low-power mode
SPI control
8.0 MHz 16-bit 3.3 V and 5.0 V SPI control and
status reporting with daisy chain capability
Easy interface to MCU for
diagnostics and programming
PWM module
Uses external clock or calibratable internal oscillator
with programmable outputs delay management
Programmable slew rate offers
the possibility to optimize EMC
performance and power loss
during commutation
Circuit protection
Smart over-current shutdown compliant with huge
inrush current, severe short-circuit, overtemperature
protections with time-limited auto retry and fail-safe
mode in case of MCU damage
Device is fully protected against
unexpected external conditions
Open load detection
Output OFF or ON open-load detection compliant
with bulbs or LEDs and short to battery detection.
Analog current feedback with selectable ratio and
board temperature feedback.
Analog diagnostics with
highly precision for advanced
monitoring
Documentation
Freescale Document
Number
Title
Description
MC07XSC200
Dual High-Side Switch (7.0 mΩ)
Data sheet
SG1002
Analog Product Selector Guide
Selector guide
SG200
Analog and Power Management Industrial Selector Guide
Selector guide
Performance
Performance
Typical values
Outputs
2
RDS(on) at 25 ºC
2 x 7 mΩ
Operating Voltage
6 - 20 V
Peak Current
93.4 A
ESD
±8.0 kV power I/Os
±2.0 kV digital I/Os
Protection
Protection
Detect
Shut Down
Auto Retry
Status Reporting
Short-circuit
•
•
•
Overtemperature
•
•
•
•
Overcurrent
•
•
•
•
Overvoltage
•
•
•
Undervoltage
•
•
•
•
Open Load Detect
•
•
Short to VPWR
•
•
32-Pin Exposed Pad SOICW
98ASA00368D



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com