Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2467 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # AN2467
Description  Dual 16 mOhm High-Side Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN2467 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  AN2467 Datasheet HTML 1Page - Freescale Semiconductor, Inc AN2467 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A dynamic overcurrent threshold profile is
utilized to avoid shutting off the device due
to inrush current while still being able to
closely track the load current. Switching
current of each channel can be sensed with
a programmable sensing ratio. Whenever
communication with the external MCU is
lost, the device enters a fail-safe operation
mode—but remains operational, controllable
and protected.
Freescale: A Leader in
Analog Solutions
Expanding on more than 30 years of
innovation, Freescale is a leading provider
of high-performance products that use
SMARTMOS technology combining digital,
power and standard analog functions.
Freescale supplies analog and power
management ICs that are advancing the
automotive, consumer, industrial and
networking markets. Analog solutions
interface with real-world signals to control
and drive for complete embedded systems.
For more information, please visit freescale.com/analog
Freescale and the Freescale logo are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off. SMARTMOS is
a trademark of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners.
© 2013 Freescale Semiconductor, Inc.
Document Number: MC16XSD200FS REV 1
Product Features and Benefits
Features
Benefits
Two fully protected 16 mΩ (@ 25 °C)
high-side switches
Offersanintelligenthigh-sideswitchfor24Vindustrial
applications
Up to 3.0 A steady state current per channel
Allows decentralized lighting management (autonomous
operation)
Separate bulb and DC motor latched overcurrent
handling
Provides a high number of protective and diagnostic
functions
Individually programmable internal/external PWM
clock signals
Allowstodrivebulblamps(tungstenfilament),LEDlightsand
DC motors
Overcurrent, short-circuit and overtemperature
protection with programmable auto-retry functions
Guarantees full functional and electrical compatibility between
family members
Accurate temperature and current sensing
Offers a 16-bit SPI interface for daisy chaining multiple
devices
Open-load detection (channel IN, OFF and ON states)
andLEDapplications(7.0mAtypical)
Allows multiple channel and device current sensing with only
one precision resistor
Normal operating range: 8–36 V, extended range:
6–58 V
3.3 and 5.0 V compatible 16-bit SPI port for device
control, configuration and diagnostics at rates up to
8.0 MHz
Documentation
Freescale Document
Number
Title
Description
MC16XSD200
Dual 16 mΩ High-Side Switch
Data sheet
SG1002
Analog Product Selector Guide
Selector guide
SG200
Analog and Power Management Industrial Selector Guide
Selector guide
AN2467
Power Quad Flat No-lead Package
Application note
AN4473
Compact Thermal Model Application Note
Application note
AN4474
EMC and Fast Transient Pulses Performances Application Note
Application note
AN4516
IBIS Model Application Note
Application note
Performance
Performance
Typical values
Outputs
2
RDS(on) at 25 ºC
Dual 16 mΩ
Operating voltage
8 to 36 V
Extended operating range
6 to 58 V
Peak current
38.5 A
ESD
± 8.0 kV power I/Os
± 2.0 kV digital I/Os
Development Tools
Part Number
Typical values
KIT20XS4200EVBE
EvaluationboardfeaturingtheMC20XS4200
24-pinPQFN(12x12mm)
98ASA00428D



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com