Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC74DB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC74DB
Description  Dual D-type flip-flop with set and reset; positive edge-trigger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC74DB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC74DB Datasheet HTML 4Page - NXP Semiconductors 74HC74DB Datasheet HTML 5Page - NXP Semiconductors 74HC74DB Datasheet HTML 6Page - NXP Semiconductors 74HC74DB Datasheet HTML 7Page - NXP Semiconductors 74HC74DB Datasheet HTML 8Page - NXP Semiconductors 74HC74DB Datasheet HTML 9Page - NXP Semiconductors 74HC74DB Datasheet HTML 10Page - NXP Semiconductors 74HC74DB Datasheet HTML 11Page - NXP Semiconductors 74HC74DB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
74HC_HCT74
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 27 August 2012
8 of 21
NXP Semiconductors
74HC74; 74HCT74
Dual D-type flip-flop with set and reset; positive edge-trigger
tsu
set-up time
nD to nCP; see Figure 7
VCC = 2.0 V
75
6
-
90
-
ns
VCC = 4.5 V
15
2
-
18
-
ns
VCC = 6.0 V
13
2
-
15
-
ns
th
hold time
nD to nCP; see Figure 7
VCC = 2.0 V
3
6-
3
-
ns
VCC = 4.5 V
3
2-
3
-
ns
VCC = 6.0 V
3
2-
3
-
ns
fmax
maximum
frequency
nCP; see Figure 7
VCC = 2.0 V
4.8
23
-
4.0
-
MHz
VCC = 4.5 V
24
69
-
20
-
MHz
VCC =5V; CL =15pF
-
76
-
-
-
MHz
VCC = 6.0 V
28
82
-
24
-
MHz
CPD
power
dissipation
capacitance
CL =50pF;f= 1 MHz;
VI =GND to VCC
[4]
-24
-
-
-
pF
74HCT74
tpd
propagation
delay
nCP to nQ, nQ; see
Figure 7
[2]
VCC = 4.5 V
-
18
44
-
53
ns
VCC =5V; CL =15pF
-
15
-
-
-
ns
nSD to nQ, nQ; see
Figure 8
[2]
VCC = 4.5 V
-
23
50
-
60
ns
VCC =5V; CL =15pF
-
18
-
-
-
ns
nRD to nQ, nQ; see
Figure 8
[2]
VCC = 4.5 V
-
24
50
-
60
ns
VCC =5V; CL =15pF
-
18
-
-
-
ns
tt
transition
time
nQ, nQ; see Figure 7
[3]
VCC = 4.5 V
-
7
19
-
22
ns
tW
pulse width
nCP HIGH or LOW;
see Figure 7
VCC = 4.5 V
23
9
-
27
-
ns
nSD, nRD LOW;
see Figure 8
VCC = 4.5 V
20
9
-
24
-
ns
trec
recovery
time
nSD, nRD; see Figure 8
VCC = 4.5 V
8
1
-
9
-
ns
tsu
set-up time
nD to nCP; see Figure 7
VCC = 4.5 V
15
5
-
18
-
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 9.
Symbol Parameter
Conditions
Tamb = 40 C to +85 C
Tamb = 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com