Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC14AD Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74LVC14AD
Description  Hex inverting Schmitt trigger with 5 V tolerant input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC14AD Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74LVC14AD Datasheet HTML 10Page - NXP Semiconductors 74LVC14AD Datasheet HTML 11Page - NXP Semiconductors 74LVC14AD Datasheet HTML 12Page - NXP Semiconductors 74LVC14AD Datasheet HTML 13Page - NXP Semiconductors 74LVC14AD Datasheet HTML 14Page - NXP Semiconductors 74LVC14AD Datasheet HTML 15Page - NXP Semiconductors 74LVC14AD Datasheet HTML 16Page - NXP Semiconductors 74LVC14AD Datasheet HTML 17Page - NXP Semiconductors 74LVC14AD Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
74LVC14A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 23 December 2011
14 of 18
NXP Semiconductors
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
Fig 15. Package outline SOT762-1 (DHVQFN14)
terminal 1
index area
0.5
1
A1
Eh
b
UNIT
y
e
0.2
c
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
3.1
2.9
Dh
1.65
1.35
y1
2.6
2.4
1.15
0.85
e1
2
0.30
0.18
0.05
0.00
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT762-1
MO-241
- - -
- - -
0.5
0.3
L
0.1
v
0.05
w
0
2.5
5 mm
scale
SOT762-1
DHVQFN14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads;
14 terminals; body 2.5 x 3 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
26
13
9
8
7
1
14
X
D
E
C
B
A
02-10-17
03-01-27
terminal 1
index area
A
C
C
B
v M
w M
E(1)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
D(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com