Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8583T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8583T
Description  Clock and calendar with 240 X 8-bit RAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8583T Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8583T Datasheet HTML 1Page - NXP Semiconductors PCF8583T Datasheet HTML 2Page - NXP Semiconductors PCF8583T Datasheet HTML 3Page - NXP Semiconductors PCF8583T Datasheet HTML 4Page - NXP Semiconductors PCF8583T Datasheet HTML 5Page - NXP Semiconductors PCF8583T Datasheet HTML 6Page - NXP Semiconductors PCF8583T Datasheet HTML 7Page - NXP Semiconductors PCF8583T Datasheet HTML 8Page - NXP Semiconductors PCF8583T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
PCF8583
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 6 October 2010
2 of 37
NXP Semiconductors
PCF8583
Clock and calendar with 240 x 8-bit RAM
3.
Ordering information
4.
Marking
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF8583P
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
PCF8583T
SO8
plastic small outline package; 8 leads;
body width 7.5 mm
SOT176-1
PCF8583BS
HVQFN20
plastic thermal enhanced very thin quad flat package;
no leads; 20 terminals; body 5
× 5 × 0.85 mm
SOT662-1
Table 2.
Marking codes
Type number
Marking code
PCF8583P
PCF8583P
PCF8583T
8583T
PCF8583BS
8583S
Fig 1.
Block diagram of PCF8583
013aaa365
PCF8583
OSCI
OSCO
INT
VDD
VSS
A0
SCL
SDA
OSCILLATOR
POWER-ON
RESET
I2C-BUS
INTERFACE
DIVIDER
CONTROL
LOGIC
ADDRESS
REGISTER
00h
01h
02h
03h
04h
05h
06h
07h
FFh
control/status
hundredth second
seconds
minutes
hours
year/date
weekdays/months
timer
alarm or RAM
RAM
(240 x 8 bit)
08h
to
0Fh
alarm control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com