Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTDF1C02HD Datasheet(PDF) 5 Page - Motorola, Inc

Part # MTDF1C02HD
Description  COMPLEMENTARY DUAL TMOS POWER FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTDF1C02HD Datasheet(HTML) 5 Page - Motorola, Inc

  MTDF1C02HD Datasheet HTML 1Page - Motorola, Inc MTDF1C02HD Datasheet HTML 2Page - Motorola, Inc MTDF1C02HD Datasheet HTML 3Page - Motorola, Inc MTDF1C02HD Datasheet HTML 4Page - Motorola, Inc MTDF1C02HD Datasheet HTML 5Page - Motorola, Inc MTDF1C02HD Datasheet HTML 6Page - Motorola, Inc MTDF1C02HD Datasheet HTML 7Page - Motorola, Inc MTDF1C02HD Datasheet HTML 8Page - Motorola, Inc MTDF1C02HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MTDF1C02HD
5
Motorola TMOS Power MOSFET Transistor Device Data
N–Channel
P–Channel
Figure 3. On–Resistance versus
Gate–To–Source Voltage
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
Figure 5. On–Resistance Variation with
Temperature
Figure 3. On–Resistance versus
Gate–To–Source Voltage
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
Figure 5. On–Resistance Variation with
Temperature
TYPICAL ELECTRICAL CHARACTERISTICS
0.4
0.5
0.6
0.3
0.1
0.2
0
2.0
4.0
8.0
6.0
10
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
ID = 1.7 A
TJ = 25°C
0
2.7 V
VGS = 4.5 V
TJ = 25°C
0.05
ID, DRAIN CURRENT (AMPS)
0.15
0
1.0
2.0
0.09
3.0
4.0
0.11
0.13
0.07
TJ, JUNCTION TEMPERATURE (°C)
– 50
0
50
100
150
0
0.4
1.2
1.6
2.0
VGS = 4.5 V
ID = 0.85 A
125
75
25
–25
0.8
0
VGS, GATE–TO–SOURCE (VOLTS)
0.4
0.3
0.2
0.1
0
2.0
4.0
6.0
8.0
10
ID = 1.6 A
TJ = 25°C
ID, DRAIN CURRENT (AMPS)
1.0
0
0.5
0.4
0.3
0.2
0.1
0
2.0
3.0
4.0
TJ = 25°C
VGS = 4.5 V
2.7 V
0.6
–25
25
–50
TJ, JUNCTION TEMPERATURE (°C)
2.0
1.5
1.0
0.5
0
0
50
100
75
125
150
VGS = 4.5 V
ID = 0.8 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com