Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C554BIB64 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC16C554BIB64
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C554BIB64 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC16C554BIB64 Datasheet HTML 17Page - NXP Semiconductors SC16C554BIB64 Datasheet HTML 18Page - NXP Semiconductors SC16C554BIB64 Datasheet HTML 19Page - NXP Semiconductors SC16C554BIB64 Datasheet HTML 20Page - NXP Semiconductors SC16C554BIB64 Datasheet HTML 21Page - NXP Semiconductors SC16C554BIB64 Datasheet HTML 22Page - NXP Semiconductors SC16C554BIB64 Datasheet HTML 23Page - NXP Semiconductors SC16C554BIB64 Datasheet HTML 24Page - NXP Semiconductors SC16C554BIB64 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
SC16C554B_554DB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 8 June 2010
21 of 58
NXP Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
A single baud rate generator is provided for the transmitter and receiver, allowing
independent TX/RX channel control. The programmable Baud Rate Generator is capable
of accepting an input clock up to 80 MHz (for 3.3 V and 5 V operation), as required for
supporting a 5 Mbit/s data rate. The SC16C554B/554DB can be configured for internal or
external clock operation. For internal clock oscillator operation, an industry standard
microprocessor crystal (parallel resonant/22 pF to 33 pF load) is connected externally
between the XTAL1 and XTAL2 pins (see Figure 13). Alternatively, an external clock can
be connected to the XTAL1 pin to clock the internal baud rate generator for standard or
custom rates (see Table 8).
Programming the Baud Rate Generator registers DLM (MSB) and DLL (LSB) provides a
user capability for selecting the desired final baud rate.
Fig 13. Crystal oscillator connection
Table 8.
Baud rate generator programming table using a 7.3728 MHz clock
Output baud rate
(bit/s)
User 16
× clock divisor
DLM
program value
(hex)
DLL
program value
(hex)
Decimal
Hexadecimal
200
2304
900
09
00
1200
384
180
01
80
2400
192
C0
00
C0
4800
96
60
00
60
9600
48
30
00
30
19.2 k
24
18
00
18
38.4 k
12
0C
00
0C
76.8 k
6
06
00
06
153.6 k
3
03
00
03
230.4 k
2
02
00
02
460.8 k
1
01
00
01
002aaa870
C2
47 pF
XTAL1
XTAL2
X1
1.8432 MHz
C1
22 pF
C2
33 pF
XTAL1
XTAL2
1.5 k
Ω
X1
1.8432 MHz
C1
22 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com