Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF5140AP Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDF5140AP
Description  Brushless DC motor drive circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF5140AP Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDF5140AP Datasheet HTML 10Page - NXP Semiconductors TDF5140AP Datasheet HTML 11Page - NXP Semiconductors TDF5140AP Datasheet HTML 12Page - NXP Semiconductors TDF5140AP Datasheet HTML 13Page - NXP Semiconductors TDF5140AP Datasheet HTML 14Page - NXP Semiconductors TDF5140AP Datasheet HTML 15Page - NXP Semiconductors TDF5140AP Datasheet HTML 16Page - NXP Semiconductors TDF5140AP Datasheet HTML 17Page - NXP Semiconductors TDF5140AP Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
1999 March 15
14
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDF5140A
Fig.7 Typical CAP-TI and VMOT1 voltage waveforms in normal running mode.
If the chosen value of CAP-TI is too small oscillations can occur in certain positions of a blocked rotor. If the chosen value is too large, then it
is possible that the motor may run in the reverse direction (synchronously with little torque).
ok, full pagewidth
MGH318
VMOT 1
voltage
on CAP-TI
Other design aspects
There are other design aspects concerning the application
of the TDF5140A besides the commutation function. They
are:
• Generation of the tacho signal FG
• A built-in interface for a PG sensor
• General purpose operational transconductance
amplifier (OTA)
• Possibilities of motor control
• Reliability.
FG SIGNAL
The FG signal is generated in the TDF5140A by using the
zero-crossing of the motor EMF from the three motor
windings. Every zero-crossing in a (star connected) motor
winding is used to toggle the FG output signal. The FG
frequency is therefore half the commutation frequency.
All transitions indicate the detection of a zero-crossing
(except for PG). The negative-going edges are called FG
pulses because they generate an interrupt in a controlling
microprocessor.
The accuracy of the FG output signal (jitter) is very good.
This accuracy depends on the symmetry of the motor's
electromagnetic construction, which also effects the
satisfactory functioning of the motor itself.
Example: A 3-phase motor with 6 magnetic pole-pairs at
1500 rpm and with a full-wave drive has a commutation
frequency of 25
× 6 × 6 = 900 Hz, and generates a tacho
signal of 450 Hz.
PG SIGNAL
The accuracy of the PG signal in applications such as VCR
must be high (phase information). This accuracy is
obtained by combining the accurate FG signal with the PG
signal by using a wide tolerance external PG sensor. The
external PG signal (PG IN) is only used as an indicator to
select a particular FG pulse. This pulse differs from the
other FG pulses in that it has a short LOW-time of 18
µs
after a HIGH-to-LOW transition. All other FG pulses have
a 50% duty factor (see Fig.8).
For more information also see
“application note
EIE/AN 93014”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com