Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3027IDSWS8 Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # EM3027IDSWS8
Description  Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM3027IDSWS8 Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button EM3027IDSWS8 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM3027IDSWS8 Datasheet HTML 17Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
EM3027
Copyright
 2013, EM Microelectronic-Marin SA
3027-DS.doc, Version 8.0, 25-Jan-13
13
www.emmicroelectronic.com
Figure 2: I2C Communication
Noise suppression circuitry is implemented rejecting spikes shorter than 50ns on SCL and SDA bus lines.
7.2
How to perform data transmission through SPI
The SPI interface connects master and slave circuits.
4 connections are used: CS = Chip Select, SCK = Serial
Clock, SI = Serial Data Input and SO = Serial Data
Output.
SPI is a byte oriented protocol with MSB first mode. Data
are changing on SCK falling edge and sampled on rising
edge.
A transmission is started by the master by rising the CS
input of the selected slave to ‘1’. The transmission is
terminated by the master by putting ‘0’ level the CS input.
The first bit is the R/W bit,
R/W = ‘0’ means a WRITE
transmission, where the master sends the data via the SI
line
. R/W = ‘1’ defines a READ transmission, where the
slave outputs the data on the SO line.
The following 7 bits of the first byte form the address of
the register in the EM3027, where the data are written or
read. (MSB is first bit at position 2 in this address byte.)
The not transmitted 8
th bit of the register address is set
internally to ‘0’.
In the EM3027, the upper 5 bits of an address form a
“page address”, the 3 lower bits are an auto-incrementing
sub-address. The
“page-addres’’ is defined by a WRITE
transmission. During a transmission, the 3 lower address
bits are incremented internally after each byte.
During a WRITE transmission, the master defines the
register address and sends then data bytes, using the
auto-increment of the lower address part (bit 2 to 0)
within the EM3027.
The page address is fixed until a new transmission is
started.
SO data output of EM3027 is in Hi-Z state during the
WRITE transmission.
If READ transmission is initiated, data are output after
the address byte by the EM3027.
The lower part of the address (bit 2 to 0) is automatically
incremented after each data byte. The page address is
not changed until a new transmission is started.
SO is in Hi-Z while the address byte is sent. During data
output by SO, the SI input has no influence.
When CS is at ‘0’ level, SO is Hi-Z and SCK, SI can be
left floating.
SO and SI can be connected together to form a 3-wire
interface with CS, SCK and Serial Data Input/Output.
The EM3027 works as slave. The CS input has a pull-
down resistor of 100 kΩ.
1
2
9
8
7
6
SCL
1
2
8
7
6
9
Start Condition
Stop Condition
A6
A5
ACK
SDA
R/W
A1
A0
D7
D6
ACK
D0
D2
D1
Slave Address
Data Byte, send/receive as
many as needed
Read/Write selection bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com