Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26 Datasheet(PDF) 23 Page - STMicroelectronics

Part # LNBH26
Description  Dual LNBS supply and control IC with step-up and I짼C interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LNBH26 Datasheet HTML 19Page - STMicroelectronics LNBH26 Datasheet HTML 20Page - STMicroelectronics LNBH26 Datasheet HTML 21Page - STMicroelectronics LNBH26 Datasheet HTML 22Page - STMicroelectronics LNBH26 Datasheet HTML 23Page - STMicroelectronics LNBH26 Datasheet HTML 24Page - STMicroelectronics LNBH26 Datasheet HTML 25Page - STMicroelectronics LNBH26 Datasheet HTML 26Page - STMicroelectronics LNBH26 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
LNBH26
I²C interface protocol
Doc ID 022771 Rev 1
23/38
N/A = Reserved bit.
All bits reset to 0 at power-on.
Table 8.
DATA 2 (Read/Write register. Register address = 0X3)
Bit
Name
CH
Value
Description
Bit 0
(LSB)
TEN-A
A
1
22 kHz tone enabled. Tone output controlled by the DSQIN pin
0
22 kHz tone output disabled
Bit 1
LPM-A
1
Low power mode activated (used only with 22 kHz tone output disabled)
0
Low power mode deactivated (keep always LPM=0 during 22 kHz tone
transmission)
Bit 2
EXTM-A
1
DSQIN input pin is set to receive external 22 kHz TTL signal source
0
DSQIN input pin is set to receive external DiSEqC envelope TTL signal
Bit 3
N/A
0
Reserved. Keep to “0”
Bit 4
TEN-B
B
1
22 kHz tone enabled. Tone output controlled by the DSQIN pin
0
22 kHz tone output disabled
Bit 5
LPM-B
1
Low power mode activated (used only with 22 kHz tone output disabled)
0
Low power mode deactivated (keep always LPM=0 during 22 kHz tone
transmission)
Bit 6
EXTM-B
1
DSQIN input pin is set to receive external 22 kHz TTL signal source
0
DSQIN input pin is set to receive external DiSEqC envelope TTL signal
Bit 7
(MSB)
N/A
0
Reserved. Keep to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com