Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL601IP Datasheet(PDF) 5 Page - Texas Instruments

Part # TL601IP
Description  P-MOS ANALOG SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL601IP Datasheet(HTML) 5 Page - Texas Instruments

  TL601IP Datasheet HTML 1Page - Texas Instruments TL601IP Datasheet HTML 2Page - Texas Instruments TL601IP Datasheet HTML 3Page - Texas Instruments TL601IP Datasheet HTML 4Page - Texas Instruments TL601IP Datasheet HTML 5Page - Texas Instruments TL601IP Datasheet HTML 6Page - Texas Instruments TL601IP Datasheet HTML 7Page - Texas Instruments TL601IP Datasheet HTML 8Page - Texas Instruments TL601IP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TL601, TL604, TL607, TL610
P-MOS ANALOG SWITCHES
D2161, JUNE 1976 — REVISED OCTOBER 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
5
PARAMETER MEASUREMENT INFORMATION
Figure 1 shows power supply boundary conditions for proper operation of the TL601 Series. The range of
operation for supply VCC+ from 5 V to 25 V is shown on the vertical axis. The range of VCC− from −5 V to
−25 V is shown on the horizontal axis. A recommended 30-V maximum voltage differential from VCC+ to VCC−
governs the maximum VCC+ for a chosen VCC− (or vice versa). A minimum recommended difference of 15 V
from VCC+ to VCC− and the boundaries shown in Figure 1 allow the designer to select the proper combinations
of the two supplies.
The designer-selected VCC+ supply value for a chosen VCC− supply value limits the maximum input voltage that
can be applied to either switch terminal; that is, the input voltage should be between VCC− + 8 V and VCC+ to
keep the on-state resistance within specified limits.
30
25
20
15
10
5
0
VCC − — Supply Voltage — V
0
−5
−10
−15
−20
−25
−30
AREA
SAFE
RECOMMENDED COMBINATIONS
OF SUPPLY VOLTAGES
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com