Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS462CPT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS462CPT
Description  Output rail-to-rail operational amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS462CPT Datasheet(HTML) 1 Page - STMicroelectronics

  TS462CPT Datasheet HTML 1Page - STMicroelectronics TS462CPT Datasheet HTML 2Page - STMicroelectronics TS462CPT Datasheet HTML 3Page - STMicroelectronics TS462CPT Datasheet HTML 4Page - STMicroelectronics TS462CPT Datasheet HTML 5Page - STMicroelectronics TS462CPT Datasheet HTML 6Page - STMicroelectronics TS462CPT Datasheet HTML 7Page - STMicroelectronics TS462CPT Datasheet HTML 8Page - STMicroelectronics TS462CPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
April 2009
Rev 3
1/13
13
TS461, TS462, TS464
Output rail-to-rail operational amplifiers
Features
■ High dynamic features
■ Large output swing (±2.4 V at VCC = ±2.5 V)
■ Low noise level: 4 nV/
√Hz
■ Low distortion: 0.003 %
■ Operating range: 2.7 V to 10 V
■ Available in SOT23-5 micropackage
Applications
■ Sound cards
■ PDAs
■ CD players
■ Recording equipment
■ Multimedia
■ Microphone pre-amplifiers
Description
The TS461, TS462 and TS464 family of
operational amplifiers can operate with voltages
as low as ±1.35 V and reach a minimum of
±2 Vpp of output swing when supplied with
±2.5 V.
The devices are well-suited to all kinds of portable
and battery-supplied equipment, where low noise
and low distortion are key requirements.
The TS461, TS462 and TS464 offer excellent
output rail-to-rail performances at an attractive
cost.
TS461CLT
TS464CD-TS464CPT
TS461CD
TS462CD-TS462CPT-TS462CST
1
2
3
45
6
7
8
-
+
-
+
Inverting Input 1
Output 1
Non-inverting Input 1
VDD
VCC
Output 2
Inverting Input 2
Non-inverting Input 2
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
DD
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
CC
V
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
1
2
3
4
5
6
7
8
-
+
Inverting Input 1
N.C.
Non-inverting Input 1
V DD
VCC
Output 2
N.C.
N.C.
1
2
3
4
5
Inverting input
Non-inverting input
Output
VDD
VCC
www.st.com


Similar Part No. - TS462CPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS462CPT STMICROELECTRONICS-TS462CPT Datasheet
75Kb / 10P
OUTPUT RAIL TO RAIL OPERATIONAL AMPLIFIERS
Aug-1999
TS462CPT STMICROELECTRONICS-TS462CPT Datasheet
192Kb / 12P
Output Rail-to-Rail Operational Amplifiers
Mar-2005
More results

Similar Description - TS462CPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461 Datasheet
75Kb / 10P
OUTPUT RAIL TO RAIL OPERATIONAL AMPLIFIERS
Aug-1999
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
Output Rail-to-Rail Operational Amplifiers
Mar-2005
TS941 STMICROELECTRONICS-TS941_09 Datasheet
320Kb / 18P
Output rail-to-rail micropower operational amplifiers
05-Mar-2009
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
SGM8932 SGMICRO-SGM8932 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
SGM8933 SGMICRO-SGM8933 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_15 Datasheet
483Kb / 11P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com