Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6250 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 To ATA/ATAPI Bridge Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB6250 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 35Page - Texas Instruments TUSB6250 Datasheet HTML 36Page - Texas Instruments TUSB6250 Datasheet HTML 37Page - Texas Instruments TUSB6250 Datasheet HTML 38Page - Texas Instruments TUSB6250 Datasheet HTML 39Page - Texas Instruments TUSB6250 Datasheet HTML 40Page - Texas Instruments TUSB6250 Datasheet HTML 41Page - Texas Instruments TUSB6250 Datasheet HTML 42Page - Texas Instruments TUSB6250 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 125 page
background image
Interrupts
7−4
SLLS535E − April 2008
TUSB6250
7.2
Additional Interrupt Sources
All nonstandard 8051 interrupts (USB, I2C, ATA/ATAPI etc.) are ORed to generate an internal INT5. INT5 is
an active low-level interrupt (not edge triggered). A vector interrupt register is provided to identify all interrupt
sources (see Section 7.2.1, VECINT: Vector Interrupt Register (ESFR at F7), for more details). Up to 64
interrupt vectors are provided. It is the responsibility of the MCU to read the vector and dispatch the proper
interrupt routine.
The VECINT register is cleared by a power-up reset or a WDT reset. It can also be cleared by a USB reset
when the function reset connection bit in the USBCTL register is set (FRSTE = 1). All the interrupts pending
in the queue are cleared once any of the preceding reset events occurs.
7.2.1 VECINT: Vector Interrupt Register (ESFR at F7)
The VECINT register contains a vector value, which identifies the internal interrupt source that trapped to
location 0x202B. Writing any value to the VECINT register removes the vector and updates the next vector
value (if another interrupt is pending). Note that the vector value is offset; therefore, its value is in increments
of two (bit 0 is set to 0). When no interrupt is pending, the vector is set to 00h. As shown in Table 7−2, the
interrupt vector is divided into two fields: I[2:0] and G[3:0]. The I-field defines the interrupt source within a group
(on a first-come, first-serve basis) and the G-field defines the group number. Group G0 is the lowest and G15
is the highest priority.
765
43210
G3
G2
G1
G0
I2
I1
I0
0
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
0
RSV
0
Reserved
3−1
I[2:0]
000
This field defines the interrupt source in a given group. See Table 7−2. Bit 0 is always = 0, therefore,
vector values are offset by two.
7−4
G[3:0]
0h
This field defines the interrupt group. I[2:0] and G[3:0] combine to produce the actual interrupt vector.
Table 7−2. Vector Interrupt Values
G[3:0]
(HEX)
I[2:0]
(HEX)
VECTOR
(HEX)
INTERRUPT SOURCE
0
0
00
No interrupt
1
0
10
Input endpoint-1 ACK
1
1
12
Input endpoint-2 ACK
1
2
14
Input endpoint-3 ACK
1
3
16
Input endpoint-4 ACK
1
4
18
Input endpoint-1 NACK
1
5
1A
Input endpoint-2 NACK
1
6
1C
Input endpoint-3 NACK
1
7
1E
Input endpoint-4 NACK
2
0
20
Output endpoint-1 ACK
2
1
22
Output endpoint-2 ACK
2
2
24
Output endpoint-3 ACK
2
3
26
Output endpoint-4 ACK
2
4
28
Output endpoint-1 NACK
2
5
2A
Output endpoint-2 NACK
2
6
2C
Output endpoint-3 NACK
2
7
2E
Output endpoint-4 NACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com