Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE2-5SNUH-R Datasheet(PDF) 5 Page - NEC

Part # EE2-5SNUH-R
Description  Compact and lightweight, High breakdown voltage, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EE2-5SNUH-R Datasheet(HTML) 5 Page - NEC

  EE2-5SNUH-R Datasheet HTML 1Page - NEC EE2-5SNUH-R Datasheet HTML 2Page - NEC EE2-5SNUH-R Datasheet HTML 3Page - NEC EE2-5SNUH-R Datasheet HTML 4Page - NEC EE2-5SNUH-R Datasheet HTML 5Page - NEC EE2-5SNUH-R Datasheet HTML 6Page - NEC EE2-5SNUH-R Datasheet HTML 7Page - NEC EE2-5SNUH-R Datasheet HTML 8Page - NEC EE2-5SNUH-R Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EE2 SERIES
5
PRODUCT LINEUP
Non-latch Type
at 20°C
Nominal Coil
Voltage
(Vdc)
Coil
Resistance
(Ω) ±10 %
Must Operate
Voltage
(Vdc)
Must Release
Voltage
(Vdc)
3
64.3
2.25
0.3
4.5
145
3.38
0.45
5
178
3.75
0.5
6
257
4.5
0.6
9
579
6.75
0.9
12
1028
9
1.2
24
2880
18
2.4
Single-Coil Latch Type
at 20°C
Nominal Coil
Voltage
(Vdc)
Coil
Resistance
(Ω) ±10 %
Must Operate
Voltage
(Vdc)
Must Release
Voltage
(Vdc)
3
90
2.25
2.25
4.5
202.5
3.38
3.38
5
250
3.75
3.75
6
360
4.5
4.5
9
810
6.75
6.75
12
1440
9
9
24
5760
18
18
Double-Coil Latch Type ** (Can not be driven by revese polarity for reverse operation.) at 20°C
Nominal Coil
Voltage
(Vdc)
Coil
Resistance
(Ω) ±10 %
Must Operate
Voltage
(Vdc)
Must Release
Voltage
(Vdc)
S
64.3
2.25
‐
3
R
64.3
‐
2.25
S
145
3.38
‐
4.5
R
145
‐
3.38
S
178
3.75
‐
5
R
178
‐
3.75
S
257
4.5
‐
6
R
257
‐
4.5
S
579
6.75
‐
9
R
579
‐
6.75
S
1028
9
‐
12
R
1028
‐
9
S
4114
18
‐
24
R
4114
‐
18
Note *
Test by pulse voltage
** S : Set coil (pin No.1... ○
+
, pin No.5... ○
-
) R : Reset coil (pin No.10... ○
+
, pin No.6... ○
-
)
The latch type relays should be initalized at appointed position before using, and should be enegized to specific polanity
by a bone polabity to avoid wrong operation.
Any special coil requirement, please contact NEC/TOKIN for availability.
Nonlatch NKX type (High voltage, high solder joint reliabillity type)
at 20°C
Nominal
Coil Voltage
(Vdc)
Coil
Resistance
(Ω) ±10 %
Must Operate
Voltage *
(Vdc)
Must Release
Voltage *
(Vdc)
3
39.1
2.25
0.3
4.5
88.0
3.38
0.45
12
626
9.0
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com