Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

26PCF Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # 26PCF
Description  Interactive Catalog Replaces Catalog Pages
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

26PCF Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  26PCF Datasheet HTML 1Page - Honeywell Solid State Electronics Center 26PCF Datasheet HTML 2Page - Honeywell Solid State Electronics Center 26PCF Datasheet HTML 3Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Pressure Sensors
26PC Series
Gage Unamplified Compensated Flow-Through
24
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
SENSOR SELECTION GUIDE
26
PC
A
F*
N
5
G
Product
Circuit
Pressure
Pressure
Type of
Port
Termination
Pressure
Family
Type
Transducer
Range
Seal
Type
Style
Measurement
2 20PC
Family
6 Compen-
sated,
Calibrated
A 1 psi
B 5 psi
C 15 psi
D 30 psi
F 100 psi
J 38 psi
K 38 psi
(passivated)
E EPDM
F Fluoro-
silicone
N Neoprene
S Silicone
G Small
N Large
(.350 dia.)
P Large
(.315 dia.)
2 4-pin DIP
5 Wire
harness
6 4-pin SIP
G Gage
Example: 26PCBFG5G
Compensated, calibrated 5 psi sensor, fluorosilicone seal, small flow-through ports, wire harness, and gage pressure measurements.
*Other media seal materials may be available.
Note: Not all combinations are established. Contact 800 number before final design.
See Accessory Guide, page 27.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com