Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P730 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P730
Description  Manual Motor Starter MU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P730 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P730 Datasheet HTML 1Page - List of Unclassifed Manufacturers P730 Datasheet HTML 2Page - List of Unclassifed Manufacturers P730 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.imopc.com
Accepts contactor and manual motor starter
to mount onto one DIN rail.
Product
MBS25 PL54
For increasing the fault breaking capacity of
single unit or group back-up to 50kA.
U
I = 690V
I
U = 32A
Product
MBS25 ID50
System for connecting units together and
incoming supply.
Fully isolated UI = 690V I
U = 63 amps
Description
Product
For 2 units - 99mm
MBS25 D99
For 3 units - 154mm
MBS25 D154
For 4 units - 208mm
MBS25 D208
For 5 units - 262mm
MBS25 D262
Protection for unused terminals MBS25 BS
Supply Block
MBS25 DB
Spacing Piece 1/2 TE
P730
Trips out the unit should the voltage fall
below 70% of the rated voltage, prevents
automatic restart when voltage returns.
For mounting inside the unit.
Voltage
Product
220-240 AC
MU25A U230
380-415 AC
MU25A U400
24 AC
MU25A U24
110 AC
MU25A U110
Manual Motor Starter MU continued
MU/03/03
Accessories continued
Undervoltage Trip
Bus-Bar System
Current Limiter
Starter Carrier
Description
Product
Moulded enclosure - IP55 MU25A O55
Moulded front plate - IP55 MU25A C55
Locking Bracket - 3 position MU25A Z
Mushroom stop button
MU25A NAT
Green Indicator 240V
MU25A SG230
Red Indicator 240V
MU25A SR230
Earth or neutral conductor MU25A NL
Moulded enclosure CEE Socket MU25A GC1
Enclosures
Current Range
Rated Short Circuit Capacity kA
Back-up Fuse (gI)
220-240 380-415
500
660-690 220-240 380-415
500
660-690
0.10 - 0.16
100
100
100
100
qqqq
0.16 - 0.25
100
100
100
100
qqqq
0.25 - 0.40
100
100
100
100
qqqq
0.40 - 0.63
100
100
100
100
qqqq
0.63 - 1.00
100
100
100
100
qqqq
1.00 - 1.60
100
100
100
100
qqqq
1.60 - 2.50
100
100
3
2.5
qq
25
25
2.50 - 4.00
100
100
3
2.5
qq
35
25
4.00 - 6.30
100
100
3
2.5
qq
50
35
6.30 - 10
100
6/50*
32.5
q
80
50
35
10 -16
10/100*
4/50*
2.5
2
80
80
63
35
16 - 20
10/100*
4/50*
2.5
2
80
80
63
50
20 - 25
10/100*
4/50*
2.5
2
80
80
63
50
Electrical Characteristics
*KA with current limiter MBS25-ID50 up to 415V AC
q Fuse not required
Trip curve
x setting current
Average value of typical
tolerance curves from
cold condition
Trip curve
1. Three phase trip curve



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com