Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC02D Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # PC02D
Description  2W DC/DC CONVERTER, SIP-Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PC02D Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  PC02D Datasheet HTML 1Page - Delta Electronics, Inc. PC02D Datasheet HTML 2Page - Delta Electronics, Inc. PC02D Datasheet HTML 3Page - Delta Electronics, Inc. PC02D Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC02S/D series
2W DC/DC CONVERTER, SIP-Package
DS_PC02S/D_10082012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 83%
SIP Package with Industry Standard Pinout
Package Dimension :
19.5 x 10.2 x 7.6 mm (0.77”x 0.4”x 0.3”)
Isolation Voltage 1000 VDC
Operating Temperature Range -40°C to +85°C
Single and Dual Outputs
>2 MHours MTBF
Lead free, RoHs compliant
3 Years Product Warranty
The PC02S/D series are miniature, SIP Package, isolated 2W DC/DC converters with 1,000VDC isolation. It offers short circuit
protection and allows a wide operating temperature range of –40°C to +85°C. These isolated DC/DC converters are the latest
offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load @No Load
Load
Regulation
Max.
capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
PC02S0503A
3.3
500
10
452
11
73
PC02S0505A
5
400
8
526
11
76
PC02S0512A
12
165
3
495
7
80
PC02S0515A
15
133
2.5
499
7
470
80
PC02D0505A
±5
±200
±4
519
10
77
PC02D0512A
±12
±83
±1.5
504
7
79
PC02D0515A
5
(4.5 ~ 5.5)
±15
±66
±1
501
60
7
390*
79
PC02S1203A
3.3
500
10
185
8
74
PC02S1205A
5
400
8
212
8
78
PC02S1212A
12
165
3
200
5
82
PC02S1215A
15
133
2.5
200
5
470
83
PC02D1205A
±5
±200
±4
210
8
79
PC02D1212A
±12
±83
±1.5
201
5
82
PC02D1215A
12
(10.8 ~ 13.2)
±15
±66
±1
200
30
5
390*
82
PC02S2403A
3.3
500
10
92
8
74
PC02S2405A
5
400
8
108
8
77
PC02S2412A
12
165
3
101
5
81
PC02S2415A
15
133
2.5
101
5
470
82
PC02D2405A
±5
±200
±4
105
8
79
PC02D2412A
±12
±83
±1.5
102
5
81
PC02D2415A
24
(21.6 ~ 26.4)
±15
±66
±1
100
15
5
3908
82
* For each output


Similar Part No. - PC02D

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PC02D0505A DELTA-PC02D0505A Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
PC02D0512A DELTA-PC02D0512A Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
PC02D0515A DELTA-PC02D0515A Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
PC02D1205A DELTA-PC02D1205A Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
PC02D1212A DELTA-PC02D1212A Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
More results

Similar Description - PC02D

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02 Datasheet
649Kb / 3P
DC/DC CONVERTER 2W, Hihg Power Density in SIP-8 Package
MAU300 MINMAX-MAU300_13 Datasheet
511Kb / 4P
DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MCW1000 MINMAX-MCW1000 Datasheet
603Kb / 4P
DC/DC CONVERTER 2W High Power Density in SIP-8 Package
logo
Delta Electronics, Inc.
PG02S DELTA-PG02S Datasheet
332Kb / 5P
2W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_16 Datasheet
665Kb / 4P
DC/DC CONVERTER 2W, SIP-Package
MCW1000 MINMAX-MCW1000_16 Datasheet
565Kb / 4P
DC/DC CONVERTER 2W, SIP-Package
MCWI02 MINMAX-MCWI02_16 Datasheet
635Kb / 4P
DC/DC CONVERTER 2W, SIP-Package
logo
Mean Well Enterprises C...
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
2W SIP Package DC-DC Regulated Converter
MDS02 MEANWELL-MDS02 Datasheet
95Kb / 5P
2W SIP Package DC-DC Medical Grade Unregulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com