Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6700UT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6700UT
Description  Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6700UT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6700UT Datasheet HTML 1Page - Maxim Integrated Products MAX6700UT Datasheet HTML 2Page - Maxim Integrated Products MAX6700UT Datasheet HTML 3Page - Maxim Integrated Products MAX6700UT Datasheet HTML 4Page - Maxim Integrated Products MAX6700UT Datasheet HTML 5Page - Maxim Integrated Products MAX6700UT Datasheet HTML 6Page - Maxim Integrated Products MAX6700UT Datasheet HTML 7Page - Maxim Integrated Products MAX6700UT Datasheet HTML 8Page - Maxim Integrated Products MAX6700UT Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Low-Voltage, High-Accuracy, Triple/Quad
Voltage µP Supervisory Circuits in SOT Package
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, IN_, RESET to GND..........................................-0.3V to +6V
Continuous RESET Current .................................................20mA
Continuous Power Dissipation
6-Pin SOT23 (derate 8.7mW/°C above +70°C).........695.7mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
MAX6700/MAX6710Q
2.0
5.5
TA = 0
oC to +85oC
1.0
5.5
Operating Voltage Range
(Note 2)
VIN2
All others (Note 3)
TA = -40
oC to +85oC
1.2
5.5
V
IN_ = nominal input voltage (for 1.8V, 2.5V,
and 5.0V supplies)
25
40
IN2 = nominal input voltage (for 3.0V and
3.3V supplies) (Note 4)
55
115
VIN1 = 0 to 0.85V (for adjustable thresholds)
0.4
IIN_
VIN3, VIN4 = 0 to 0.85V
(for adjustable thresholds)
0.2
Input Current
ICC
MAX6700/MAX6710Q only, VCC = 5.5V
35
50
µA
5V (-5%)
4.50
4.63
4.75
5V (-10%)
4.25
4.38
4.50
3.3V (-5%)
3.00
3.08
3.15
3.3V (-10%)
2.85
2.93
3.00
3.0V (-5%)
2.70
2.78
2.85
3.0V (-10%)
2.55
2.63
2.70
2.5V (-5%)
2.25
2.32
2.38
2.5V (-10%)
2.13
2.19
2.25
1.8V (-5%)
1.62
1.67
1.71
Threshold Voltage
VTH
IN_ decreasing
1.8V (-10%)
1.53
1.58
1.62
V
Adjustable Threshold
VTH
IN_ decreasing
0.611
0.620
0.629
V
Reset Threshold Hysteresis
VHYST
IN_ increasing relative to IN_ decreasing
0.3
%VTH
Reset Threshold Temperature
Coefficient
TCVTH
60
ppm/
oC
IN_ to Reset Delay
tRD
VIN falling at 10mV/µs from VTH to (VTH - 50mV)
30
µs
Propagation Delay
tPD
MAX6700 only
5
µs
Reset Timeout Period
tRP
MAX6710 only
140
200
280
ms
ELECTRICAL CHARACTERISTICS
(VIN2 = 1V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN2 = 3.0V to 3.3V, TA = +25°C.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com