Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B45197A-R Datasheet(PDF) 1 Page - Kemet Corporation

Part # B45197A-R
Description  Customer Change Notification Ta SMD MnO2 Evora Phase Out
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45197A-R Datasheet(HTML) 1 Page - Kemet Corporation

  B45197A-R Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Reference: QOD-510
Page 1 of 1
P.O. Box 5928, Greenville, South Carolina 29606 U.S.A.
Tel: 864.963.6300 Fax: 864.963.6521
1
Customer Change Notification
Ta SMD MnO2 Evora Phase Out
Date: 01-11-2012
ID Number (MMDDYY): CCN-01112012CMC
Affected Products
All KEMET Ta Surface Mount (SMD) Manganese Dioxide (MnO2) Series produced in Évora, Portugal:
Ta SMD MnO2
Evora Location
Kemet Nomenclature
Old Epcos Nomenclature
T491
B45196E/H, B45194E, B45192E, B45190E
T495
B45197A/R, B45194R, B45192R, B45190R,
B45196/7L
T498
B45196P
T499
B45196T
T510
B45396R
T_xxxx
B45xxxS Special Part Types
Change
On 1st November 2012 Kemet will begin the consolidation of manufacturing for all Tantalum surface
mount devices with MnO2 counter-electrode to existing KEMET manufacturing sites in Matamoros
and Victoria, Mexico.
This change impacts all Ta SMD MnO2 products currently manufactured in KEMET’s Evora Portugal
facility.
Justification and
Benefits
The consolidation of the manufacturing process in Mexico locations will allow Kemet to optimize the
resources (equipment and man-power) and provide a focal point for all requirements related to
MnO2 technology. This consolidation allows KEMET to take the best practices from all locations
giving customers a better quality process/product.
During the transition process Kemet will provide the necessary support for the change (re-
qualification requirements, safety transition stock, …)
Effective Date
and Identification
The consolidation process starts1st November, 2012 with effective closing date of 31st March, 2013.
Contact
Cristina Mota Caetano
Ta BG Technical Product Marketing Director
KEMET Electronics Corp (www.kemet.com)
ph: +351 96 330 84 59
E-Mail: cristinacaetano@kemet.com
KEMET Proprietary Information
Entire Contents not to be shared without express written consent of KEMET Electronics Corporation.


Similar Part No. - B45197A-R

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45197A-R KEMET-B45197A-R Datasheet
272Kb / 1P
Customer Change Notification Ta SMD MnO2 Evora Phase Out
More results

Similar Description - B45197A-R

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T510X107K020ATE035 KEMET-T510X107K020ATE035 Datasheet
272Kb / 1P
Customer Change Notification Ta SMD MnO2 Evora Phase Out
T491X477K010AT KEMET-T491X477K010AT Datasheet
272Kb / 1P
Customer Change Notification Ta SMD MnO2 Evora Phase Out
T491A105K050AT KEMET-T491A105K050AT Datasheet
272Kb / 1P
Customer Change Notification Ta SMD MnO2 Evora Phase Out
T495D226K035ATE200 KEMET-T495D226K035ATE200 Datasheet
272Kb / 1P
Customer Change Notification Ta SMD MnO2 Evora Phase Out
CCN-01112012CMC KEMET-CCN-01112012CMC Datasheet
272Kb / 1P
Customer Change Notification Ta SMD MnO2 Evora Phase Out
T495X227K010ATE100 KEMET-T495X227K010ATE100 Datasheet
272Kb / 1P
Customer Change Notification
logo
M/A-COM Technology Solu...
2XXXX-PCN-003-A MA-COM-2XXXX-PCN-003-A Datasheet
51Kb / 3P
Customer Notification
CN-092910-3 MA-COM-CN-092910-3 Datasheet
34Kb / 2P
Customer Notification
CN-111010 MA-COM-CN-111010 Datasheet
34Kb / 2P
Customer Notification
28229-PCN-001-A MA-COM-28229-PCN-001-A_15 Datasheet
108Kb / 2P
Customer Notification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com