Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX51 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # IMX51
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button IMX51 Datasheet HTML 86Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 87Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 88Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 89Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 90Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 91Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 92Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 93Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 202 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 6
90
Freescale Semiconductor
Electrical Characteristics
DISPx_DAT22
DAT[22]
—
—
R[6]
—
—
—
—
—
DISPx_DAT23
DAT[23]
—
—
R[7]
—
—
—
—
—
DIx_DISP_CLK
PixCLK
—
—
DIx_PIN1
—
VSYNC_IN May be required for anti-tearing
DIx_PIN2
HSYNC
—
—
DIx_PIN3
VSYNC
—
VSYNC out
DIx_PIN4
—
—
Additional frame/row synchronous
signals with programmable timing
DIx_PIN5
—
—
DIx_PIN6
—
—
DIx_PIN7
—
—
DIx_PIN8
—
—
DIx_D0_CS
—
CS0
—
DIx_D1_CS
—
CS1
Alternate mode of PWM output for
contrast or brightness control
DIx_PIN11
—
WR
—
DIx_PIN12
—
RD
—
DIx_PIN13
—
RS1
Register select signal
DIx_PIN14
—
RS2
Optional RS2
DIx_PIN15
DRDY/DV
DRDY
Data validation/blank, data enable
DIx_PIN16
—
—
Additional data synchronous
signals with programmable
features/timing
DIx_PIN17
Q
—
1
Signal mapping (both data and control/synchronization) is flexible. The table provides examples.
2 This mode works in compliance with recommendation ITU-R BT.656. The timing reference signals (frame start, frame end, line
start, and line end) are embedded in the 8-bit data bus. Only video data is supported, transmission of non-video related data
during blanking intervals is not supported.
Table 79. Video Signal Cross-Reference (continued)
i.MX51
LCD
Comment1
Port Name
(x=1,2)
RGB,
Signal
Name
(General)
RGB/TV Signal Allocation (Example)
Smart
16-bit
RGB
18-bit
RGB
24-bit
RGB
8-bit
YCrCb2
16-bit
YCrCb
20-bit
YCrCb
Signal
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com