Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASE42RGL Datasheet(PDF) 1 Page - Tyco Electronics

Part # ASE42RGL
Description  Slide Switches, Auto-insertable, Through Hole and Surface Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASE42RGL Datasheet(HTML) 1 Page - Tyco Electronics

  ASE42RGL Datasheet HTML 1Page - Tyco Electronics ASE42RGL Datasheet HTML 2Page - Tyco Electronics ASE42RGL Datasheet HTML 3Page - Tyco Electronics ASE42RGL Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASE/F Series
B5
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
Slide Switches, Auto-insertable, Through Hole and Surface Mount
FEATURES:
• Unique design allows ASE/F to withstand aqueous or solvent
cleaning processes.
• High temperature anti-static plastic construction will withstand most
surface mount, vapor phase reflow or wave soldering conditions.
• Three standard types:
ASF – DIP package with flush actuator allows auto insertion on
standard IC equipment. Standard tape seal and closed case
construction provide process seal.
MATERIAL SPECIFICATIONS:
Contacts ..................................Gold over nickel or
Silver over nickel flash
Case Material ..........................PET
Actuator Material ....................Nylon
Terminal....................................Copper alloy, terminals tin lead plate
(90/10) over nickel
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-40°F to +176°F (-40°C to +80°C)
Storage Temperature................-40°F to +176°F (-40˚C to +80˚C)
Solder Heat Resistance ............See page M3-M4
Movable Contact ......................Copper alloy
Terminal Seal............................Insert molded
ASFO–Open ended flush actuator without tape seal.
ASE–extended actuator open-ended case allows washout after
process cleaning.
• 2, 4 and 6 pole versions available with top or side actuator.
• Bifurcated double wipe contacts provide dependable, telecom grade switching.
• Industry standard .100 x .300 pin spacing
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ..........................Gold: 0.4 VA @ 20 VDC or peak AC shorting type
Silver: 300mA @ 115 VAC 28 VDC
Initial Contact Resistance ........40 Milliohms max.
Insulation Resistance ..............1,000 Megohms @ 500 VDC min.
Dielectric Strength ..................1,000 Volts RMS @ sea level
Contact Timing ........................Shorting
Life Expectancy ......................10,000 Cycles
Actuation Force ......................850g±150grams
Travel ...................................... .100 ±.010 [2.54±.25]
PART NUMBERING
E
F
FO
2
4
6
2
4
6
2
R
**
G
L
S
*3
Series
Actuator Style
Poles
Throws
Options
SMT
ASF: Tape seal, closed (sealed) case, flush top actuator.
ASE: Open ended case, extended top or side actuator.
ASFO: Open ended case, flush top or side actuator.
Standard actuator color is white.
E= Extended actuator
F= Flush actuator
FO= Open ended without tape seal
G= Gold contacts
R= Side actuator
*3= Throw available in 4 pole only
L= SMT terminal configuration
S= SMT terminal reverse L configuration
(Refer to page B10 for pad layout)
**Flush side actuator “R” versions are supplied with open ended case and without
tape seal.
Note: For SPDT requirements, order DPDT version and use either set of
contacts for SPDT switching.
AS
ASE22R
ASE62G
ASF22
ASF22R
Blank = Silver


Similar Part No. - ASE42RGL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASE4 ABRACON-ASE4 Datasheet
685Kb / 2P
1.5V CMOS COMPATIBLE 3.2 x 2.5 SMD CRYSTAL CLOCK OSCILLATOR
08.15.08
logo
Pentair plc. All rights...
ASE48X48X12NK PENTAIR-ASE48X48X12NK Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
ASE48X48X16NK PENTAIR-ASE48X48X16NK Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
ASE4X4X3 PENTAIR-ASE4X4X3 Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
ASE4X4X3NK PENTAIR-ASE4X4X3NK Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
More results

Similar Description - ASE42RGL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437586-0 MACOM-2-1437586-0 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-3 MACOM-2-1437586-3 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-5 MACOM-2-1437586-5 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-8 MACOM-2-1437586-8 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-9 MACOM-2-1437586-9 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-0 MACOM-2-1437587-0 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-3 MACOM-2-1437587-3 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-4 MACOM-2-1437587-4 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-5 MACOM-2-1437587-5 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-8 MACOM-2-1437587-8 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com