Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP721ABP Datasheet(PDF) 3 Page - Littelfuse

Part # SP721ABP
Description  SP721 Series 3pF 4kV Diode Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP721ABP Datasheet(HTML) 3 Page - Littelfuse

  SP721ABP Datasheet HTML 1Page - Littelfuse SP721ABP Datasheet HTML 2Page - Littelfuse SP721ABP Datasheet HTML 3Page - Littelfuse SP721ABP Datasheet HTML 4Page - Littelfuse SP721ABP Datasheet HTML 5Page - Littelfuse SP721ABP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/24/13
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP721 Series
ESD Capability
ESD capability is dependent on the application and defined
test standard.The evaluation results for various test
standards and methods based on Figure 1 are shown in
Table 1.
For the “Modified”MIL-STD-3015.7 condition that is defined
as an “in-circuit” method of ESD testing, the V+ and V- pins
have a return path to ground and the SP721 ESD capability
is typically greater than 15kV from 100pF through 1.5kΩ.By
strict definition of MIL-STD-3015.7 using “pin-to-pin”device
testing, the ESD voltage capability is greater than 6kV.The
MIL-STD-3015.7 results were determined from AT&T ESD
Test Lab measurements.
The HBM capability to the IEC 61000-4-2 standard is
greater than 15kV for air discharge (Level 4) and greater
than 4kV for direct discharge (Level 2).Dual pin capability (2
adjacent pins in parallel) is well in excess of 8kV (Level 4).
For ESD testing of the SP721 to EIAJ IC121 Machine
Model (MM) standard, the results are typically better than
1kV from 200pF with no series resistance.
Standard
Type/Mode
R
D
C
D
±V
D
MIL STD 3015.7
Modified HBM
1.5kΩ 100pF 15kV
Standard HBM
1.5kΩ 100pF
6kV
IEC 61000-4-2
HBM, Air Discharge
330Ω 150pF 15kV
HBM, Direct Discharge
330Ω 150pF
4kV
HBM, Direct Discharge,
Two Parallel Input Pins
330Ω 150pF
8kV
EIAJ IC121
Machine Model
0kΩ
200pF
1kV
H.V.
SUPPLY
VD
IN
DUT
CD
R1
IEC 1000-4-2: R150 to 100M
RD
CHARGE
SWITCH
DISCHARGE
SWITCH
MIL-STD-3015.7: R 11 to 10M
100
80
60
40
20
0
T
A = 25ºC
SINGLE PULSE
2.5
2
1.5
1
0.5
0
V FWD
IFWD
EQUIV. SAT. ON
THRESHOLD ~ 1.1V
600
800
1000
1200
FORWARD SCR VOLTAGE DROP (mV)
0
1
2
3
FORWARD SCT VOLTAGE DROP (V)
T
A = 25ºC
SINGLE PULSE
100
80
60
40
20
0
T
A = 25ºC
SINGLE PULSE
2.5
2
1.5
1
0.5
0
V FWD
IFWD
EQUIV. SAT. ON
THRESHOLD ~ 1.1V
600
800
1000
1200
FORWARD SCR VOLTAGE DROP (mV)
0
1
2
3
FORWARD SCT VOLTAGE DROP (V)
T
A = 25ºC
SINGLE PULSE
Figure 1: Electrostatic Discharge Test
Table 1: ESD Test Conditions
Figure 3: High Current SCR ForwardVoltage Drop Curve
Figure 2: Low Current SCR Forward Voltage Drop Curve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com