Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSMP2018 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSMP2018
Description  Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSMP2018 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSMP2018 Datasheet HTML 1Page - Vishay Siliconix VSMP2018 Datasheet HTML 2Page - Vishay Siliconix VSMP2018 Datasheet HTML 3Page - Vishay Siliconix VSMP2018 Datasheet HTML 4Page - Vishay Siliconix VSMP2018 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FIGURE 2 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 3 - TYPICAL RESISTANCE/
TEMPERATURE CURVE
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
ΔR
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400
Ambient Temperature (°C) and TCR Chord Slopes for
Different Temperature Ranges
Note
• The TCR values for < 100
 are influenced by the termination
composition and result in deviation from this curve
TABLE 2 - DIMENSIONS AND LAND PATTERN
in Inches (Millimeters)
Top View
D
T
W
L
Date Code2
(Year/Week)
Recommended Land Pattern
Footprint
Z
G
X
CHIP
SIZE
L
± 0.005 (0.13)
W
± 0.005 (0.13)
THICKNESS
MAXIMUM
D
± 0.005 (0.13)
Z (1)
G (1)
X (1)
0603
0.063 (1.60)
0.032 (0.81)
0.025 (0.64)
0.011 (0.28)
0.102 (2.59)
0.031 (0.78)
0.031(0.78)
0805
0.080 (2.03)
0.050 (1.27)
0.025 (0.64)
0.015 (0.38)
0.122 (3.10)
0.028 (0.71)
0.050 (1.27)
1206
0.126 (3.20)
0.062 (1.57)
0.025 (0.64)
0.020 (0.51)
0.175 (4.45)
0.059 (1.50)
0.071 (1.80)
1506
0.150 (3.81)
0.062 (1.57)
0.025 (0.64)
0.020 (0.51)
0.199 (5.05)
0.083 (2.11)
0.071 (1.80)
2010
0.198 (5.03)
0.097 (2.46)
0.025 (0.64)
0.025 (0.64)
0.247 (6.27)
0.115 (2.92)
0.103 (2.62)
2018
0.204 (5.18)
0.184 (4.67)
0.025 (0.64)
0.018 (0.46)
0.248 (6.3)
0.146 (3.71)
0.184 (4.67)
2512
0.249 (6.32)
0.127 (3.23)
0.025 (0.64)
0.032 (0.81)
0.291 (7.39)
0.150 (3.81)
0.127 (3.23)
VSMP Series (0603, 0805, 1206, 1506, 2010, 2018, 2512) (Z-Foil)
Vishay Foil Resistors
www.vishayfoilresistors.com
For any questions, contact: foil@vishaypg.com
Document Number: 63060
2
Revision: 29-Oct-2012
Note
(1) Land Pattern Dimensions are per IPC-7351A
(2) The date code printing applies to all resistor sizes except for 0603
TABLE 3 - SPECIFICATIONS
CHIP
SIZE
RATED
POWER
(mW)
at + 70 °C
MAX.
WORKING
VOLTAGE
(
 PR
 )
RESISTANCE
RANGE
(
)*
MAXIMUM
WEIGHT
(mg)
0603
100
20 V
100 to 4K
3
0805
200
40 V
5
to 8K
6
1206
300
87 V
5
to 25K
11
1506
300
95 V
5
to 30K
12
2010
500
187 V
5
to 70K
27
2018
750
122 V
5
to 20K
40
2512
750
220 V
5
to 125K
40
* For non standard values please contact VFR’s application
engineering using the e-mail addresses in the footer below.
TABLE 4 - LOAD LIFE STABILITY
(+ 70 °C for 2000 h)
CHIP SIZE
MAXIMUM
R LIMITS
0603
± 0.005 % at 50 mW
± 0.01 % at 100 mW
0805
± 0.005 % at 100 mW
± 0.01 % at 200 mW
1206, 1506
± 0.005 % at 150 mW
± 0.01 % at 300 mW
2010
± 0.005 % at 200 mW
± 0.01 % at 500 mW
2018
± 0.005 % at 500 mW
± 0.01 % at 750 mW
2512
± 0.005 % at 500 mW
± 0.01 % at 750 mW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com