Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2B4 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3F2-R2B4
Description  Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2B4 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3F2-R2B4 Datasheet HTML 2Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 3Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 4Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 5Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 6Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 7Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 8Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 9Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
Photoelectric sensor
E3F2
Ordering Information: type list
DC-Switching Models, plastic
Model
Sensing method,
sensing distance
Appearance
Connection
(cable-length)
Control
output
Comments
E3F2-7B4 2M
Through-beam, 7 m
axial
Pre-wired (2 m)* PNP
Receiver and Emitter
E3F2-7B4-P1
Through-beam, 7 m
axial
Connector
PNP
Receiver and Emitter
E3F2-7C4 2M
Through-beam, 7 m
axial
Pre-wired (2 m)* NPN
Receiver and Emitter
E3F2-7C4-P1
Through-beam, 7 m
axial
Connector
NPN
Receiver and Emitter
E3F2-7DB4 2M
Through-beam, 7 m
axial
Pre-wired (2 m)* PNP
Receiver only
E3F2-7DB4-P1
Through-beam, 7 m
axial
Connector
PNP
Receiver only
E3F2-7DC4 2M
Through-beam, 7 m
axial
Pre-wired (2 m)* NPN
Receiver only
E3F2-7DC4-P1
Through-beam, 7 m
axial
Connector
NPN
Receiver only
E3F2-7L 2M
Through-beam, 7 m
axial
Pre-wired (2 m)* N.A.
Emitter only
E3F2-7L -P1
Through-beam, 7 m
axial
Connector
N.A.
Emitter only
E3F2-10B4 2M
Through-beam, 10m
axial
Pre-wired (2m)*
PNP
Receiver and Emitter
(precision detection and test input)
E3F2-10B4-P1
Through-beam, 10m
axial
Connector
PNP
Receiver and Emitter
(precision detection and test input)
E3F2-10DB4 2M
Through-beam, 10m
axial
Pre-wired (2m)*
PNP
Receiver only
(precision detection and test input)
E3F2-10DB4-P1
Through-beam, 10m
axial
Connector
PNP
Receiver only
(precision detection and test input)
E3F2-10C4 2M
Through-beam, 10m
axial
Pre-wired (2m)*
NPN
Receiver and Emitter
(precision detection and test input)
E3F2-10C4-P1
Through-beam, 10m
axial
Connector
NPN
Receiver and Emitter
(precision detection and test input)
E3F2-10DC4 2M
Through-beam, 10m
axial
Pre-wired (2m)*
NPN
Receiver only
(precision detection and test input)
E3F2-10DC4-P1
Through-beam, 10m
axial
Connector
NPN
Receiver only
(precision detection and test input)
E3F2-10LB 2M
Through-beam, 10m
axial
Pre-wired (2m)*
PNP
Emitter only
(precision detection and test input)
E3F2-10LB-P1
Through-beam, 10m
axial
Connector
PNP
Emitter only
(precision detection and test input)
E3F2-DS10B4-N 2M
Diffuse reflective, 0.1 m
axial
Pre-wired (2 m)* PNP
Wide-beam characteristic
E3F2-DS10B4-P1
Diffuse reflective, 0.1 m
axial
Connector
PNP
Wide-beam characteristic
E3F2-DS10C4-N 2M
Diffuse reflective, 0.1 m
axial
Pre-wired (2 m)* NPN
Wide-beam characteristic
E3F2-DS10C4-P1
Diffuse reflective, 0.1 m
axial
Connector
NPN
Wide-beam characteristic
E3F2-DS30B4 2M
Diffuse reflective, 0.3 m
axial
Pre-wired (2 m)* PNP
Sensitivity adjuster
E3F2-DS30B41 2M
Diffuse reflective, 0.3 m
radial
Pre-wired (2 m)* PNP
Sensitivity adjuster
E3F2-DS30B41-P1
Diffuse reflective, 0.3 m
radial
Connector
PNP
Sensitivity adjuster
E3F2-DS30B4-P1
Diffuse reflective, 0.3 m
axial
Connector
PNP
Sensitivity adjuster
E3F2-DS30C4 2M
Diffuse reflective, 0.3 m
axial
Pre-wired (2 m)* NPN
Sensitivity adjuster
E3F2-DS30C41 2M
Diffuse reflective, 0.3 m
radial
Pre-wired (2 m)* NPN
Sensitivity adjuster
E3F2-DS30C41-P1
Diffuse reflective, 0.3 m
radial
Connector
NPN
Sensitivity adjuster
E3F2-DS30C4-P1
Diffuse reflective, 0.3 m
axial
Connector
NPN
Sensitivity adjuster
E3F2-D1B4 2M
Diffuse reflective, 1 m
axial
Pre-wired (2 m)* PNP
Sensitivity adjuster
E3F2-D1B4-P1
Diffuse reflective, 1 m
axial
Connector
PNP
Sensitivity adjuster
E3F2-D1C4 2M
Diffuse reflective, 1 m
axial
Pre-wired (2 m)* NPN
Sensitivity adjuster
E3F2-D1C4-P1
Diffuse reflective, 1 m
axial
Connector
NPN
Sensitivity adjuster
E3F2-LS10B4 2M
Background suppression,
10 cm
axial
Pre-wired (2 m)* PNP
Background suppression
E3F2-LS10B4-P1
Background suppression,
10 cm
axial
Connector
PNP
Background suppression
E3F2-LS10C4 2M
Background suppression,
10 cm
axial
Pre-wired (2 m)* NPN
Background suppression
E3F2-LS10C4-P1
Background suppression,
10 cm
axial
Connector
NPN
Background suppression
E3F2-R2B4 2M
Retroreflective, 2 m
axial
Pre-wired (2 m)* PNP
Non-polarizing
E3F2-R2B4-E 2M
Retroreflective, 2 m
axial
Pre-wired (2 m)* PNP
Non-polarizing, without reflector
E3F2-R2B4-P1
Retroreflective, 2 m
axial
Connector
PNP
Non-polarizing
E3F2-R2B4-P1-E
Retroreflective, 2 m
axial
Connector
PNP
Non-polarizing, without reflector
E3F2-R2C4 2M
Retroreflective, 2 m
axial
Pre-wired (2 m)* NPN
Non-polarizing
E3F2-R2C4-E 2M
Retroreflective, 2 m
axial
Pre-wired (2 m)* NPN
Non-polarizing, without reflector
E3F2-R2C4-P1
Retroreflective, 2 m
axial
Connector
NPN
Non-polarizing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com