Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2RB41-P1 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # E3F2-R2RB41-P1
Description  Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2RB41-P1 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button E3F2-R2RB41-P1 Datasheet HTML 12Page - Omron Electronics LLC E3F2-R2RB41-P1 Datasheet HTML 13Page - Omron Electronics LLC E3F2-R2RB41-P1 Datasheet HTML 14Page - Omron Electronics LLC E3F2-R2RB41-P1 Datasheet HTML 15Page - Omron Electronics LLC E3F2-R2RB41-P1 Datasheet HTML 16Page - Omron Electronics LLC E3F2-R2RB41-P1 Datasheet HTML 17Page - Omron Electronics LLC E3F2-R2RB41-P1 Datasheet HTML 18Page - Omron Electronics LLC E3F2-R2RB41-P1 Datasheet HTML 19Page - Omron Electronics LLC E3F2-R2RB41-P1 Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
Photoelectric sensor
E3F2
Operation
Output Circuits
Structure of Sensor I/O Connector
PNP Output
Classification
Wire color
Connector
pin No.
Use
DC
Brown
➀
Power supply
(+V)
White
➁
Mode selection
Lon/Don
Blue
➂
Power supply
(0 V)
Black
➃
Output
Model
Output
transistor status
Timing chart
Connection
method
Output circuit
E3F2-
@B4-@
(except for
E3F2-10B4-
@ and
E3F2-LS10B4-
@)
––
–
Through-beam emitter
ON when light is
incident.
(Light-ON)
Connect the
pink (Pin
➁)
and brown (Pin
➀) cords or
open the pink
cord
(Pin
➁).
ON when light is
interrupted. (Dark-
ON)
Connect the
pink (Pin
➁)
and blue
(Pin
➂) cords.
1
2
3
4
Brown
White
Blue
Black
XS2F-D42#-D80-#
XS2F-G42#-G80-#
Main
circuit
1
2
3
4
1
3
Connector Pin Arrangement
10 to 30 VDC
0 V
Brown
Blue
Power
indicator
(red)
Incident
Interrupted
ON
OFF
ON
OFF
Operate
Release
Output
indicator
(red)
Output
transistor
Load
(relay)
Light
indicator
Red
Main
circuit
1
2
3
4
1
2
3
4
Connector Pin Arrangement
10 to 30 VDC
100 mA
max.
Load
0 V
Mode selection
Brown
Black
Blue
Pink
ZD
ZD: VZ = 36 V
Stability
indicator*
Green
* Only on models
E3F2-R4B4-
@ and
E3F2-D1B4-
@
Incident
Interrupted
ON
OFF
ON
OFF
Operate
Release
Output
indicator
(red)
Output
transistor
Load
(relay)
Light
indicator
Red
Main
circuit
1
2
3
4
1
2
3
4
Connector Pin Arrangement
10 to 30 VDC
100 mA
max.
Load
0 V
Mode selection
Brown
Black
Blue
Pink
ZD: VZ = 36 V
Stability
indicator*
Green
* Only on models
E3F2-R4B4-
@ and
E3F2-D1B4-
@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com