Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP124 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP124
Description  Office Machine Programmable Controllers Office Machine Telecommunication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP124 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP124 Datasheet HTML 1Page - Toshiba Semiconductor TLP124 Datasheet HTML 2Page - Toshiba Semiconductor TLP124 Datasheet HTML 3Page - Toshiba Semiconductor TLP124 Datasheet HTML 4Page - Toshiba Semiconductor TLP124 Datasheet HTML 5Page - Toshiba Semiconductor TLP124 Datasheet HTML 6Page - Toshiba Semiconductor TLP124 Datasheet HTML 7Page - Toshiba Semiconductor TLP124 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP124
2007-10-01
2
Current Transfer Ratio
Current Transfer Ratio (min.)
Ta = 25°C
Ta =
−25~75°C
Classification
IF = 1mA
VCE = 0.5V
IF = 0.5mA
VCE = 1.5V
IF = 1mA
VCE = 0.5V
Marking Of
Classification
Rank BV
200%
100%
100%
BV
Standard
100%
50%
50%
BV, Blank
(Note) Application type name for certification test, please use standard product type name, i. e.
TLP124 (BV): TLP124
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating
ΔIF / °C
−0.7 (Ta ≥ 53°C)
mA / °C
Peak forward current
(100μs pulse, 100pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Collector
−emitter voltage
VCEO
80
V
Emitter
−collector voltage
VECO
7
V
Collector current
IC
50
mA
Peak collector current
(10ms pulse, 100pps)
ICP
100
mA
Power dissipation
PC
150
mW
Power dissipation derating
(Ta ≥ 25°C)
ΔPC / °C
−1.5
mA / °C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−55~100
°C
Lead soldering temperature (10s)
Tsol
260
°C
Total package power dissipation
PT
200
mW
Total package power dissipation
derating (Ta ≥ 25°C)
ΔPT / °C
−2.0
mW / °C
Isolation voltage
(AC, 1min., R.H. ≤ 60%)
(Note 1)
BVS
3750
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1) Device considered a two terminal device: Pins1, 3 shorted together and pins 4, 6 shorted together.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com