Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2Z1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3F2-R2Z1
Description  Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2Z1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3F2-R2Z1 Datasheet HTML 1Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 2Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 3Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 4Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 5Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 6Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 7Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 8Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
Photoelectric sensor
E3F2
Housing material: Metal (Stainless steel)
Note: Standard cable length is 2 m. Models provided with a 5 m long cable are available. When ordering, specify the cable length by adding the length of the cable
(e.g. E3F2-R2RB4-S 2M or E3F2-R2RB4-S 5M). For other cable length please contact your OMRON sales representative.
AC-Switching Models
Housing material: Plastic
Note: Standard cable length is 2 m. Models provided with a 5 m long cable are available. When ordering, specify the cable length by adding the length of the cable (e.g.
E3F2-R2Z1 2M or E3F2-R2Z1 5M). For other cable length please contact your OMRON sales representative.
Sensing method
Appearance
Connection
Sensing
Model
method
distance
PNP output
NPN output
Through-
beam
pre-wired
7 m
E3F2-7B4-S
E3F2-7C4-S
axial
M12 connector
E3F2-7B4-M1-S
E3F2-7C4-M1-S
Retro-
reflective
(incl. reflector
E39-R1)
Non-polarizing
(without MSR function)
axial
pre-wired
0.1 - 2 m
(with
reflector
E39-R1)
––
M12 connector
–
–
Polarizing
(with MSR function)
pre-wired
E3F2-R2RB4-S
E3F2-R2RC4-S
M12 connector
E3F2-R2RB4-M1-S
E3F2-R2RC4-M1-S
Non-polarizing
(without MSR function)
radial
pre-wired
–
–
M12 connector
–
–
Polarizing
(with MSR function)
pre-wired
–
–
M12 connector
–
–
Diffuse
reflective
Fixed sensitivity
Wide-beam characteristics
axial
pre-wired
0.1 m
E3F2-DS10B4-S
E3F2-DS10C4-S
M12 connector
E3F2-DS10B4-M1-S
E3F2-DS10C4-M1-S
Adjustable sensitivity
pre-wired
0.3 m
E3F2-DS30B4-S
E3F2-DS30C4-S
M12 connector
E3F2-DS30B4-M1-S
E3F2-DS30C4-M1-S
Fixed sensitivity
Wide-beam characteristics
radial
pre-wired
0.1 m
––
M12 connector
–
–
Adjustable sensitivity
pre-wired
0.3 m
––
M12 connector
–
–
Background suppression
Please contact your OMRON sales representative for these models
Sensing method
Appearance
Connection
Sensing
Model
method
distance
Light-ON
Dark-ON
Through-
beam
pre-wired
3 m
E3F2-3Z1
E3F2-3Z2
axial
Retro-
reflective
(incl. reflector
E39-R1)
Non-polarizing
(without MSR function)
axial
pre-wired
0.1 - 2 m
(with
reflector
E39-R1)
E3F2-R2Z1
E3F2-R2Z2
Diffuse
reflective
Fixed sensing distance
Wide-beam characteristics
axial
pre-wired
0.1 m
E3F2-DS10Z1-N
E3F2-DS10Z2-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com