Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THNR1115-R35 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # THNR1115-R35
Description  High current ( Isat up to 25A ), though hole type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

THNR1115-R35 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  THNR1115-R35 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT Power Inductor
THNR1115 Type
Mechanical Dimension:
High current ( Isat up to 25A ), though hole type.
Magnetically shielded, suitable for hight density mounting.
High energy storage and low DCR.
Ideal for power source circuits, DC-DC converter,
DC-AC inverters inductor application.
In addition to the standard versions shown here,
customized inductors are available to meet your exact requirements.
Features
Electrical Characteristics:
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
At 25
: 100KHz, 0.1V
oC
252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
154
1.Tolerance of inductance : 0.35uH 30% 1.7~3.0uH 20%
2.Isat is the DC current which cause the inductance drop less than 10% of its nominal inductance without current
o
3.Irms is the DC current which cause the surface temperature of the part increase less than 45 C
oo
4.Operating temperature: -20 C to 130 C ( including self-temperature rise )
S
F
B
A
0.8 REF
TIN AWL 1.0 MAX
C
D
S
F
7.6
1.0
2- 1.50
0 MIN
UNIT : mm
A = 14.5 MAX
B = 3.3 1.0
C = 11.0 MAX
D = 7.6 1.0
C
(mm)
MAX
C
(mm)
MAX
PART NO.
L
Irms
(Adc)
DCR
(m ) MAX
(uH)
3
1
Isat
(Adc)
2
THNR1115-R35
0.35
4.3
25.0
16.0
THNR1115-1R7
1.70
7.8
15.0
10.0
THNR1115-2R2
2.20
10.0
13.0
9.0
THNR1115-3R0
3.00
15.0
8.8
7.0
RECOMMENDED PAD PATTERNS


Similar Part No. - THNR1115-R35

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THN-HS1 TRACOPOWER-THN-HS1 Datasheet
349Kb / 1P
Heat Sink
Rev. November 30, 2022
THN-HS1 TRACOPOWER-THN-HS1 Datasheet
907Kb / 4P
DC/DC Converter THN 30WI Series, 30 Watt
Rev. November 30, 2022
THN-HS1 TRACOPOWER-THN-HS1 Datasheet
918Kb / 4P
DC/DC Converter THN 30 Series, 30 Watt
Rev. November 30, 2022
THN-HS1 TRACOPOWER-THN-HS1 Datasheet
890Kb / 4P
DC/DC Converter THN 20WI Series, 20 Watt
Rev. November 30, 2022
THN-HS1 TRACOPOWER-THN-HS1 Datasheet
908Kb / 5P
DC/DC Converter THN 20 Series, 20 Watt
Rev. November 30, 2022
More results

Similar Description - THNR1115-R35

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
TMG2D80C SANREX-TMG2D80C Datasheet
476Kb / 3P
TRIAC(Though Hole/Non-isolated)
TMG3C80C SANREX-TMG3C80C Datasheet
476Kb / 3P
TRIAC(Though Hole /Non-isolated)
logo
DB Lectro Inc
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
Power Mate Technology C...
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
OUTPUT CURRENT UP TO 25A
logo
Microsemi Corporation
679 MICROSEMI-679_10 Datasheet
807Kb / 3P
Current ratings to 25A
logo
Frontier Electronics.
BP25-005L FRONTIER-BP25-005L Datasheet
124Kb / 2P
25A HIGH CURRENT BRIDGE RECTIFIERS
BP25-005L-LFR FRONTIER-BP25-005L-LFR Datasheet
124Kb / 2P
25A HIGH CURRENT BRIDGE RECTIFIERS
logo
Bourns Electronic Solut...
RLB1014 BOURNS-RLB1014 Datasheet
86Kb / 1P
Though-Hole Power Inductor
logo
DONGGUAN YOU FENG WEI E...
KBPC2506 YFWDIODE-KBPC2506 Datasheet
562Kb / 3P
25A HIGH CURRENT SINGLE-PHASE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com