Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO35MDW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO35MDW
Description  ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO35MDW Datasheet(HTML) 2 Page - Texas Instruments

  ISO35MDW Datasheet HTML 1Page - Texas Instruments ISO35MDW Datasheet HTML 2Page - Texas Instruments ISO35MDW Datasheet HTML 3Page - Texas Instruments ISO35MDW Datasheet HTML 4Page - Texas Instruments ISO35MDW Datasheet HTML 5Page - Texas Instruments ISO35MDW Datasheet HTML 6Page - Texas Instruments ISO35MDW Datasheet HTML 7Page - Texas Instruments ISO35MDW Datasheet HTML 8Page - Texas Instruments ISO35MDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ISO15, ISO35
ISO15M, ISO35M
SLOS580F
– MAY 2008 – REVISED JANUARY 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
VCC
Input supply voltage. (2) VCC1, VCC2
–0.3 to 6
V
VO
Voltage at any bus I/O terminal
–9 to 14
V
VIT
Voltage input, transient pulse, A, B, Y, and Z (through 100
Ω, see Figure 11)
–50 to 50
V
VI
Voltage input at any D, DE or RE terminal
–0.5 to 7
V
IO
Receiver output current
±10
mA
Bus pins and GND1
±6
JEDEC Standard 22,
Human Body Model
Bus pins and GND2
±16
kV
Test Method A114-C.01
All pins
±4
Electrostatic
ESD
discharge
JEDEC Standard 22,
kV
Charged Device
±1
Model
Test Method C101
All pins
Machine Model
ANSI/ESDS5.2-1996
±200
V
TJ
Maximum junction temperature
170
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to network ground terminal and are peak voltage values
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply Voltage, VCC1, VCC2
3.15
3.3
3.6
V
VOC
Voltage at either bus I/O terminal
A, B
–7
12
V
VIH
High-level input voltage
2
VCC
D, DE, RE
V
VIL
Low-level input voltage
0
0.8
VID
Differential input voltage
A with respect to B
–12
12
V
RL
Differential input resistance
54
60
Ω
Driver
–60
60
IO
Output current
mA
Receiver
–8
8
1/tUI
Signaling rate
ISO15x and ISO35x
1
Mbps
ISO15 and ISO35
-40
85
TA
Ambient temperature
°C
ISO15M and ISO35M
-55
125
ISO15 and ISO35
–40
150
°C
TJ
Operating junction temperature
ISO15M and ISO35M
–55
150
SUPPLY CURRENT
over recommended operating condition (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RE at 0 V or VCC, DE at 0 V, No load (driver disabled)
8
Logic-side supply
ISO35x and
ICC1
mA
current
ISO15x
RE at 0 V or VCC, DE at VCC, No Load (driver enabled)
8
RE at 0 V or VCC, DE at 0 V, No load (driver disabled)
15
Bus-side supply
ISO35x and
ICC2
mA
current
ISO15x
RE at 0 V or VCC, DE at VCC, No Load (driver enabled)
19
2
Submit Documentation Feedback
Copyright
© 2008–2012, Texas Instruments Incorporated
Product Folder Link(s): ISO15 ISO35 ISO15M ISO35M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com