Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

250R120-R1 Datasheet(PDF) 3 Page - Littelfuse

Part # 250R120-R1
Description  POLYFUSE짰 Resettable PTCs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

250R120-R1 Datasheet(HTML) 3 Page - Littelfuse

  250R120-R1 Datasheet HTML 1Page - Littelfuse 250R120-R1 Datasheet HTML 2Page - Littelfuse 250R120-R1 Datasheet HTML 3Page - Littelfuse 250R120-R1 Datasheet HTML 4Page - Littelfuse 250R120-R1 Datasheet HTML 5Page - Littelfuse 250R120-R1 Datasheet HTML 6Page - Littelfuse 250R120-R1 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
101
Revised: July 12, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc
250R Series
Radial Leaded > 250R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/250R.html for current information.
Protection Application Guide
Region/Specification
Application
Device Selection
South America/Asia/Europe
ITU K.45
*Access network equipment
Remote terminal
Repeaters
WAN equipment
Cross –connect
250R180
250R180T
250R145
250R145T
250R120
250R120T
South America/Asia/Europe
ITU K.21
Customer and IT equipment
Analog modems
ADSL, xDSL
Phone sets, PBX systems
Internet appliances
POS terminals
250R180
250R180T
250R145
250R145T
250R120
250R120T
South America/Asia/Europe
ITU K.20
Central Office
POTS/ISDN linecards
T1/E1/J1 linecards
ADSL/VDSL splitters
CSU/DSU
250R180
250R180T
250R145
250R145T
250R120
250R120T
North America Telcordia
GR-974
*Primary protection modules
MDF modules
Network interface
250R180
250R180T
250R145
250R145T
250R120
250R120T
South America/Asia/Europe
ITU K.20
North America Telcordia
GR-1089
*Intrabuilding communication systems
LAN, VOIP cards
Local loop handsets
250R180
250R180T
250R145
250R145T
250R120
250R120T
South America/Asia/Europe
ITU K.20 and K.21
LAN Intrabuilding power cross
Protection
LAN equipment, IP phone
250R080
*Resistance binned parts are recommended
Agency Specification Selection Guide For Telecom and Networking Applications
Product
Lightning
Power Cross
250R120
250R145
ITU K.20/21/45 – 1.5kV 10/700μs
ITU K.20/21/45 – 4kV 10/700μs*
ITU K.20/21/45 – 230Vac, 10Ω
ITU K.20/21/45 – 600Vac, 600Ω
250R180
ITU K.20/21/45 – 1.5kV 10/700μs
ITU K.20/21/45 – 4kV 10/700μs*
Telcordia GR – 974 – 1.0kV 10/1000μs
ITU K.20/21/45 – 230Vac, 10Ω
ITU K.20/21/45 – 600Vac, 600Ω
Telcordia GR – 974- 283Vac, 10A
*Devices should be independently evaluated and tested for use in any specific application



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com