Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THMR1395-R35 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # THMR1395-R35
Description  Through Hole Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

THMR1395-R35 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  THMR1395-R35 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Through Hole Power Inductors
THMR1395 Type
Mechanical Dimension:
High current ( lsat up to 66A ) though hole type.
Magnetically shielded, suitable for hight density mounting.
High energy storage and low DCR.
Ideal for power source circuits, DC-DC converter,
DC-AC inverters inductor application.
In addition to the standard versions shown here,
customized inductors are available to meet your exact requirements.
Features
Electrical Characteristics:
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
At 25
: 100KHz, 1.0V
oC
252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
153
UNIT : mm/inch
A = 12.50 / 0.492 Max.
B = 14.50 / 0.571 Max.
C = 3.20 0.5 / 0.126 0.020
D = 9.50 / 0.374
E = 1.30 0.1/0.051 0.004
B
A
7.5/0.295
9.0/0.354
1.6/0.063
D
C
E
1.Tolerance of inductance : 0.28~1.20uH 15%
2.Isat is the DC current which cause the inductance drop less than 20% of its nominal inductance without current
o
3.Irms is the DC current which cause the surface temperature of the part increase less than 45 C
oo
4.Operating temperature: -40 C to 125 C ( including self-temperature rise )
1
3
2
PART NO.
L
DCR
Isat
Irms
(uH)
(m ) 8%
(Adc)
(Adc)
THMR1395-R28
0.28
0.47
66
47
TH
-R35
0.35
0.47
58
47
TH
-R45
0.45
0.96
47
35
TH
-0R6
0.60
0.96
40
35
TH
-0R8
0.80
1.25
37
30
TH
-1R2
1.20
1.55
30
27
MR1395
MR1395
MR1395
MR1395
MR1395
RECOMMENDED PAD PATTERNS


Similar Part No. - THMR1395-R35

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THM-HS1 TRACOPOWER-THM-HS1 Datasheet
2Mb / 1P
Heat Sink
Rev. November 30, 2022
THM-HS1 TRACOPOWER-THM-HS1 Datasheet
960Kb / 5P
DC/DC Medical Converter THM 60WI Series, 60 Watt
Rev. November 30, 2022
logo
TM Electronics Inc
THM01 TM-THM01 Datasheet
63Kb / 2P
T TYPE THERMOCOUPLE THERMOMETER WITH HOLD FUNCTION
V2
THM01 TM-THM01 Datasheet
97Kb / 4P
Type T Food Kit with Thermometer, Standard Probes, Temperature Record Book and Case
THM01 TM-THM01 Datasheet
107Kb / 4P
TYPE T LEGIONELLA TEMPERATURE KIT WITH THERMOMETER, STANDARD PROBES AND ACCESSORIES
More results

Similar Description - THMR1395-R35

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0580-0296-20 BEL-0580-0296-20 Datasheet
47Kb / 1P
DC POWER INDUCTORS LOW COST THROUGH HOLE COMPONENTS
logo
Abracon Corporation
AIAM-01 ABRACON-AIAM-01 Datasheet
100Kb / 3P
THROUGH-HOLE MOLDED INDUCTORS
logo
Token Electronics Indus...
TC1213 TOKEN-TC1213 Datasheet
348Kb / 2P
TC1213 Through Hole Power Inductors
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
Through Hole Power Inductors
THAR0806 DELTA-THAR0806 Datasheet
327Kb / 1P
Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
Through Hole Power Inductors
THAH1055 DELTA-THAH1055 Datasheet
169Kb / 1P
Through Hole Power Inductors
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
Through-Hole Inductors
AUG-02-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com